| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G474CE bảng dữ liệu(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE bảng dữ liệu(HTML) 168 Page - STMicroelectronics |
|
168 / 232 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 168/232 DS12288 Rev 1 Rnetwork R2/R1 internal resistance values in non-inverting PGA mode(5) PGA Gain = 2 - 10/10 - kΩ/k Ω PGA Gain = 4 - 30/10 - PGA Gain = 8 - 70/10 - PGA Gain = 16 - 150/10 - PGA Gain = 32 - 310/10 - PGA Gain = 64 - 630/10 - R2/R1 internal resistance values in inverting PGA mode(5) PGA Gain = -1 - 10/10 - PGA Gain = -3 - 30/10 - PGA Gain = -7 - 70/10 - PGA Gain = -15 - 150/10 - PGA Gain = -31 - 310/10 - PGA Gain = -63 - 630/10 - Delta R Resistance variation (R1 or R2) --15 - +15 % PGA BW PGA bandwidth for different non inverting gain Gain = 2 - GBW/2 - MHz Gain = 4 - GBW/4 - Gain = 8 - GBW/8 - Gain = 16 - GBW/16 - Gain = 32 - GBW/32 - Gain = 64 - GBW/64 - PGA bandwidth for different inverting gain Gain = -1 - GBW/2 - MHz Gain = -3 - GBW/4 - Gain = -7 - GBW/8 - Gain = -15 - GBW/16 - Gain = -31 - GBW/32 - Gain = -63 - GBW/64 - eN Voltage noise density at 1 kHz, Output loaded with 4 kΩ -250 - nV/√ Hz at 10 kHz, Output loaded with 4 kΩ -90- IDDA(OPAMP) OPAMP consumption from VDDA Normal mode No load, follower mode -1.3 2.2 mA High-speed mode - 1.4 2.6 TS_OPAMP_VO UT ADC sampling time when reading the OPAMP output. OPAINTOEN=1 VDDA < 2V 300 - - ns VDDA ≥ 2V 200 - - IDDA(OPAMPI NT) OPAMP consumption from VDDA. OPAINTOEN=1 Normal mode no load, follower mode - 0.45 0.7 mA High-speed mode - 0.5 0.8 Table 80. OPAMP characteristics(1) (2) (continued) Symbol Parameter Conditions Min Typ Max Unit |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |