| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74FCT374 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74FCT374 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 11 page ![]() CD74FCT374 BiCMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS SCBS739 – JULY 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating conditions, (unless otherwise noted) (see Figure 1) MIN MAX UNIT fclock Clock frequency 70 MHz tw Pulse duration CLK high or low 7 ns tsu Setup time Data before CLK ↑ 2 ns th Hold time Data after CLK ↑ 2 ns switching characteristics over recommended operating conditions, VCC = 5 V ± 0.25 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C MIN MAX UNIT PARAMETER (INPUT) (OUTPUT) TYP MIN MAX UNIT fmax 70 MHz tpd CLK Q 6.6 2 10 ns ten OE Q 9 1.5 12.5 ns tdis OE Q 6 1.5 8 ns noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 1 V VOH(V) Quiet output, minimum dynamic VOH 0.5 V VIH(D) High-level dynamic input voltage 2 V VIL(D) Low-level dynamic input voltage 0.8 V operating characteristics, VCC = 5 V, TA = 25° PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 33 pF |