| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
102 bảng dữ liệu(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
102 bảng dữ liệu(HTML) 3 Page - 3M Electronics |
|
3 / 6 page ![]() 3 Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 26 3M™ Mini D Ribbon (MDR) Connectors .050 ″ Surfacemount Right Angle Receptacle - Shielded 102 Series Contact Quantity Dimensions A ± .002 B ± .002 C ± .002 14 .931 [ 23.64 ] .500 [ 12.70 ] .325 [ 8.26 ] 20 1.081 [ 27.45 ] .650 [ 16.51 ] .475 [ 12.07 ] 26 1.230 [ 31.26 ] .800 [ 20.32 ] .625 [ 15.88 ] 40 1.581 [ 40.15 ] 1.150 [ 29.21 ] .975 [ 24.77 ] 50 1.831 [ 46.50 ] 1.400 [ 35.56 ] 1.225 [ 31.12 ] Contact Quantity DE 14 .78 [ 19.9 ] .931 [ 23.64 ] 20 .94 [ 23.8 ] 1.081 [ 27.45 ] 26 1.09 [ 27.6 ] 1.231 [ 31.26 ] 40 1.44 [ 36.5 ] 1.581 [ 40.15 ] 50 1.69 [ 42.8 ] 1.830 [ 46.50 ] Recommended Board Layout A C .0250 ± .0008 [ 0.64 ] B PCB Ref. Edge .0158 ± .0004 [ 0.40 ] .093 ± .004 [ 2.36 ] .088 [ 2.223 ] .187 max. [ 4.75 ] .165 [ 4.2 ] .118 [ 3.0 ] 2x .122 [ 3.1 ] 2x .138 [ 3.5 ] 2x .256 [ 6.5 ] Solder Pads for Solder Tail (See below for more detail) ∅ .079 + .004 (2X) Positioning Hole (viewed from connector side) center spacing - .000 center spacing Lockstand Solder Pad Outline ∅ .110 ± .004 (2X) Screw Lock (see notes below) Notes: 1. Plated through mounting holes for .062 ″ [1.57] board thickness. 2. The connector should be fixed to the PCB by screws, tools or other means during the soldering process. To prevent soldering defects, the screws (M2.5) should not be tightened excessively. 3. The connector must be fixed to the PCB by board lock screws after soldering. The connector should be fixed to the panel with panel mount screws or jack sockets. See TS-0142 for mounting hardware. TS-0755-C Sheet 3 of 3 Recommended Panel Cut-out D ± .004 E ± .004 R .060 [ 1.50 ] Note: Panel thickness .079 [ 2.00 ] Max. .319 ± .004 [ 8.1 ] Connector Position (Top Row) 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 32 1 PCB Ref. Edge 20 Pos. 23 10 987 22 21 20 19 18 17 16 15 14 65 43 2 1 30 29 28 27 26 25 24 23 22 21 40 39 38 37 36 35 34 33 32 31 10 987 65 43 2 1 20 11 19 18 17 16 15 14 13 12 PCB Ref. Edge PCB Ref. Edge 25 24 13 12 11 26 Pos. 40 Pos. Solder Pad and Contact Numbering Detail (Pad numbers correspond to connector contact numbers shown on previous page) Last Pos. Last Pos. Last Pos. Connector Position (Top Row) Connector Position Position (Bottom Row) Position (Bottom Row) Position (Bottom Row) 34 10 9 8 7 33 32 31 30 29 28 27 26 49 6 54 3 2 1 PCB Ref. Edge 44 20 43 42 41 40 39 38 37 36 35 11 50 Pos. 19 18 17 16 15 14 13 12 Last Pos. Connector Position Position (Bottom Row) 22 21 23 24 45 46 47 48 25 50 Connector Position (Top Row) 10 9 8 7 14 13 12 11 65 4 3 2 1 PCB Ref. Edge 14 Pos. Last Pos. Position (Bottom Row) |