| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS-CS10 bảng dữ liệu(PDF) 2 Page - Sure Seal Connections |
|
|
|||||||||||||||||||||||||||||
SS-CS10 bảng dữ liệu(HTML) 2 Page - Sure Seal Connections |
|
2 / 2 page ![]() ▲ Specifications subject to change; see inside back cover. 7 For technical assistance, price or delivery info. call 1-800-523-0727 or visit www.suresealconnections.com Sure Seal Tel: 888-308-7873 (4) Hand Crimp Tools These are heavy duty tools with a ratchet mechanism that will only release the contact when the crimp is completed. These tools produce consistent, high quality crimps. They are the only hand crimping tools recommended for Sure-Seal® contacts. ▲ IMPORTANT: Use holding blocks on page 5. Power insertion tool available, see page 15. (5) Semi-Automatic Crimp Tools For high volume applications, several types of semi-automatic crimping tools are available for all Sure-Seal® contacts. See pages 13 and 14. - CIT-VE4-6 - - CIT-VE4-6 - - CIT-VE8-10 - - CIT-VE8-10 - 225-0093-000 SS-T-Tool SS-CS10 DRK 152 225-0093-000 070235-0001 SS-CS10 DRK 152 225-0093-000 SSI-T-Tool SSI-CS10 DRK 152 225-0093-000 070306-0000 SSI-CS10 DRK 152 Range Tooling COLUMN 8 COLUMN 9 COLUMN 10 COLUMN 11 COLUMN 12 COLUMN 13 Wire Insulation Wire Hole Insertion Hand Crimp Extraction Power/Automatic Tools (5) Diameter Fillers (2) Tool (3) Tool (4) Tool .100 - .147 (2.54 - 3.73) 225-1012-000 MSS-T-Tool MSS-CS10 DRK 32 .055 - .071 (1.40 - 1.80) .100 - .147 (2.54 - 3.73) Crimp Tool Crimp Kit .274 - .380 (6.96 - 9.65) .159 - .245 (4.04 - 6.22) 400BHD Kit contains: Crimp die, Locator(s), and Go No-Go Gauge. Provide sample of wire when ordering. (Call for more information.) Replacement Tip 317-1153-017 Replacement Tip 317-1153-015 Replacement Tip MSS 2000 TIP Mini Applicator (See below and page 14 for more details) — Mini applicator modules are used in industry stan- dard crimp presses. This allows for fast changeover for crimping different con- tacts and by using the same crimp press, saves valuable factory floor space versus having to use multiple presses. See page 15. Mini Applicator for insulation support For Sure-Seal® stamped contacts M3000 Crimping Press (see page 14 for more detail) CBIT-SS-150 (see page 15 for more detail) Replacement Locator 1181-92005 Replacement Locator 1181-92005 Replacement Locator 1181-89005 ➥ ➥➥ AF8 with TH452 .100 - .147 (2.54-3.73) DRK 152 WA27F TH452 — 076303-0000 or or ➥ ➥ ➥ ➥ |