công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GP1UX511QS bảng dữ liệu(PDF) 3 Page - Sharp Corporation

tên linh kiện GP1UX511QS
Giải thích chi tiết về linh kiện  Holder-less Type IR Detecting Unit for Remote Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UX511QS bảng dữ liệu(HTML) 3 Page - Sharp Corporation

  GP1UX511QS Datasheet HTML 1Page - Sharp Corporation GP1UX511QS Datasheet HTML 2Page - Sharp Corporation GP1UX511QS Datasheet HTML 3Page - Sharp Corporation GP1UX511QS Datasheet HTML 4Page - Sharp Corporation GP1UX511QS Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Sheet No.: OP06012
Fig.2 Standard Optical System
Transmitter
Reception distance:L
Light detector face illuminance:EV
VOUT
Fig.1 Transmitter
20cm
10kΩ
5V
VOUT
Oscilloscope
Transmitter (GL521 used)
f0 (*4)
Duty 50%
(EV is an illuminance by CIE standard light source A (tungsten lamp).)
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough to meet the following items in the
■
Performance
standard optical system in Fig. 2.
1. Linear reception distance characteristics
*5 It refers to detector face illuminance
When L=0.2 to 8.5m, *5EV<10 lx and φ=0°in Fig.2, the output signal shall meet the electrical characteristics in the attached list.
2.Sensitivity angle reception distance characteristics
When L=0.2 to 6.0m, *5EV<10 lx and φ≦30°in Fig.2, the output signal shall meet the electrical characteristics in the attached list.
3.Anti outer peripheral light reception distance characteristics
When L=0.2 to 4.0m, *6EV≦300 lx and φ=0°in Fig.2, the output signal shall meet the electrical characteristics in the attached list.
*6 Outer peripheral light source: CIE standard light source A shall be used and placed at 45°from perpendicular axis at the detector face center
In the above figure, the transmitter should be set so that the output VOUT (P-P) can be 40mV.
However, the PD49PI to be used here should be of the short-circuit current ISC=2.6μA at EV =100 lx.
( φindicates horizontal and vertical directions.)
GP1UX51QS Series



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com