| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECWFD2J563JC bảng dữ liệu(PDF) 16 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWFD2J563JC bảng dữ liệu(HTML) 16 Page - Panasonic Semiconductor |
|
16 / 19 page ![]() Matters to Be Observed When Using This Product ■ Reflow soldering is a soldering method in which the proper amount of solder paste is deposited on the fitting land of the surface-mounted board, the chip-type laminated film capacitor is placed on the land, and heat is applied to the capacitor to melt the solder. We recommend the temperature profile shown in the following table for the reflow soldering process. Note, however, that more than two reflow soldering cycles are not allowed and that the second reflow cycle must be carried out after the capacitor temperature returns to normal temperature following the end of the first reflow cycle. ■ Because the chip-type laminated film capacitor is not protected with an outer casing, an activator (halogen, etc.) in solder paste may corrode the inner deposit electrode, which leads to the degradation of the capacitor characteristics, such as a drop in the capacitance and an increase in the loss tangent (tanδ). Use solder paste with halogen content of 0.1 wt%. ■ When cleaning the capacitor right after soldering it, make sure that its surface temperature is 60 ℃ or lower. ■ Maximum surface temperatures capacitors reach during the reflow process are as follows: 260 ℃ at ECHU(X)/(C), 250 ℃ at ECWU(X)/(C), and 240 ℃ at ECPU(A). A surface temperature higher than these temperatures causes a capacitor problems with its appearance and electrical characteristics, in which case the reliability of the capacitor cannot be guaranteed. ■ ECWU(X)/(C) and ECPU(A) are put in moisture proofing packages. Once the package is unsealed, the capacitor absorbs moisture and its resistance to soldering heat drops. Check the note on the package that gives you the instructions you should follow after unsealing the package. Specific instructions to follow after unsealing the package are stated in the delivery specification sheet. ■ When using a solder iron, sufficiently preheat the board land with the iron tip and then carry out soldering work. Do not put the iron tip directly on the body or electrode of a chip-type laminated film capacitor. Particularly, do not bring the iron tip into contact with a side face (sectional surface) of the capacitor. A hot solder iron coming in contact with such parts may cause the degradation of the capacitor characteristics, such as lower insulation resistance and short circuit. ■ Avoid mounting a number of chip-type laminated film capacitors on a board using a solder iron. This process makes temperature control difficult and may lead to the degradation of the capacitor characteristics. Avoid reusing a capacitor (component) once removed with a solder iron. Soldering condition The capacitor temperature varies depending on the type of the board material and the heat source. Use a glass epoxy board of 115 mm by 50 mm and 0.8 t as the standard board to check the capacitor temperature. Mater to note Soldering Item 23-Apr-25 Solder iron wattage: 30 W 280 ℃ max.-4s max. ECPU(A) 260 ℃ max.-4s max. ECWU(X)/(C) 270 ℃ max.-4s max. ECHU(X)/(C) <Reflow soldering> The capacitor and the board are heated in a heat-resistant furnace or an infrared furnace. Soldering time (s) 280 270 260 250 240 1 2 0 3 4 5 Soldering time (s) 280 270 260 250 240 1 2 0 3 4 5 Soldering time (s) 280 270 260 250 240 1 2 0 3 4 5 : Specification range : Specification range : Specification range Soldering: 235 °C, 5 sec. at maximum ≥220 °C, 30 sec. at maximum Preheating 150 °C to 180°C 60 sec. to 120 Time (s) 300 250 200 150 100 50 0 |