công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWFD2W105PC bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ECWFD2W105PC
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W105PC bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ECWFD2W105PC Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 5Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W105PC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Non-inductive construction using metallized polypropylene
film with flame retardant epoxy resin coating
●
High safety (with safety function)
●
Small size
●
Excellent frequency characteristics
●
Low loss
●
Flame-retardant epoxy resin coating
●
Low hum sound noise
●
RoHS compliant
●
Active filter circuit
●
High frequency circuit
■ Standard product
■ Short lead space product 450 V (0.47 μF, 0.68 μF, 1.0 μF), 630 V (1.0 μF)
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
ECWFD series
Features
Recommended applications
±10
%
Code
Cap. Tol.
J
±5
%
2W
2J
R.voltage [DC]
450 V
630 V
Explanation of part number
Should a safety concern arise regarding this product, please be sure to contact us immediately.
06-Aug-24
Code
1
B
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Lead form
Odd size taping
Straight
Crimped taping
(Ammo)
Lead form
Code
K
Straight
Crimped lead
Code
Blank
B
Odd size taping
Crimped lead
C
Cut lead
Q
C
4
Crimped lead
Cut lead
Crimped lead
Q
3
Crimped taping
(Ammo)
4
3
Code
2W
2J
Code
Cap. Tol.
P
±5
%(J)
Q
±10
%(K)
R.voltage [DC]
450 V
630 V
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W F
D
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W
F
D
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Suffix
Product code
Dielectric &
construction
Rated voltage
Capacitance
Suffix
Cap. Tol.


Số phần tương tự - ECWFD2W105PC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ECWFD2W105P PANASONIC-ECWFD2W105P Datasheet
89Kb / 4P
Metallized Polypropylene Film Capacitor
ECWFD2W105P PANASONIC-ECWFD2W105P Datasheet
1Mb / 16P
Plastic Film Capacitors
31-Jul-19
ECWFD2W105P PANASONIC-ECWFD2W105P Datasheet
1Mb / 16P
Plastic Film Capacitors
31-Jul-19
More results

Mô tả tương tự - ECWFD2W105PC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
Plastic Film Capacitors
ECWH8103HA PANASONIC-ECWH8103HA Datasheet
204Kb / 2P
Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
Plastic Film Capacitors
logo
Nichicon corporation
QXK2E104KTPTZH NICHICON-QXK2E104KTPTZH Datasheet
51Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com