công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWFD2W564JC bảng dữ liệu(PDF) 7 Page - Panasonic Semiconductor

tên linh kiện ECWFD2W564JC
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W564JC bảng dữ liệu(HTML) 7 Page - Panasonic Semiconductor

Back Button ECWFD2W564JC Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 5Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 6Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 7Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 8Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 9Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 10Page - Panasonic Semiconductor ECWFD2W564JC Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Matters to Be Observed When Using This Product
<List of cleaners that can be or cannot be used to clean the capacitor>
* Retail product: ECWFE, ECWFG
<Uncleaned flux>
Pine Alpha ST-100S
Ultrasonic cleaning at 60 ℃ for 5 minutes
→ Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes
→ Hot air drying at 85 ℃ for 5 minutes
Aqua Cleaner 210SET
Shower cleaning at 60 ℃ for 1 minute
→ Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes
→ Hot air drying at 85 ℃ for 5 minutes
Cleanthrough LC-841
Ultrasonic cleaning at 60 ℃ for 5 minutes
→ Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes
→ Hot air drying at 85 ℃ for 5 minutes
Cleanthrough 750L
Ultrasonic cleaning at 60 ℃ for 5 minutes
→ Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes
→ Hot air drying at 85 ℃ for 5 minutes
Ultrasonic cleaning at 60 ℃ for 5 minutes
→ Non-blow drying at 85 ℃ for 5 minutes
Cleanthrough 750H
Ultrasonic cleaning at 60 ℃ for 5 minutes
→ Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes
→ Hot air drying at 85 ℃ for 5 minutes
Terpene Cleaner EC-7
Spray cleaning at ordinary temperature for 5 minutes
→ Spray rinsing with pure water at 50 ℃ for 5 minutes
→ Hot air drying at 80 ℃ for 5 minutes
Ethanol
Ultrasonic cleaning or immersion cleaning for 5 minutes
Isopropyl alcohol (IPA)
Ultrasonic cleaning or immersion cleaning for 5 minutes
FRW-17: ultrasonic cleaning at 60 ℃ for 5 minutes
→ FRW-1N: ultrasonic cleaning at 60 ℃ for 5 minutes
→ FRW-100: vapor drying at 100 ℃ for 1 minute
23-Apr-25
Cleaning conditions
Chip type Lead type
Retail
product*
Alcohol-based
○
○
○
○
○
○
Silicon-based
○
○
○
Halogen-based
○
○
○
HCFC141b-MS
Ultrasonic cleaning or immersion cleaning for 5 minutes
Petroleum-based
Hydrocarbon
○
○
○
×
○
○
P3 Cold Cleaner 225S
Ultrasonic cleaning at 60 ℃ for 5 minutes
→ Ultrasonic rinsing with IPA at ordinary temperature for 5 minutes
→ Hot air drying at 40 ℃ for 5 minutes
Toluene
Ultrasonic cleaning or immersion cleaning for 5 minutes
Terpene-based
×
○
○
Pure water
×
○
○
Surfactant
×
○
○
×
○
―
×
○
―
×
○
○
×
○
○
×
○
○
○ cleaner can be used, × cleaner cannot be used, ― unconfirmed
Low-residue flux
○
○
○
Non-active flux
○
○
○
AM-173
ULF-500VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com