công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL356CEZ bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADXL356CEZ
Giải thích chi tiết về linh kiện  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL356CEZ bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADXL356CEZ Datasheet HTML 3Page - Analog Devices ADXL356CEZ Datasheet HTML 4Page - Analog Devices ADXL356CEZ Datasheet HTML 5Page - Analog Devices ADXL356CEZ Datasheet HTML 6Page - Analog Devices ADXL356CEZ Datasheet HTML 7Page - Analog Devices ADXL356CEZ Datasheet HTML 8Page - Analog Devices ADXL356CEZ Datasheet HTML 9Page - Analog Devices ADXL356CEZ Datasheet HTML 10Page - Analog Devices ADXL356CEZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
ADXL356/ADXL357/ADXL357B
SPECIFICATIONS
analog.com
Rev. C | 7 of 52
Table 2. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
V1P8DIG
LDO regulator disabled
10
µA
Turn On Time9
±10 g range
<10
ms
Power-off to standby
<10
ms
TEMPERATURE SENSOR
Output at 25°C
1885
LSB
Standard Deviation
28.5
LSB
Scale Factor
−9.05
LSB/°C
TEMPERATURE
Operating Temperature Range
−40
+125
°C
1 The resonant frequency is a sensor characteristic.
2 Characterized but not 100% tested.
3 Repeatability is predicted for a 10 year life and includes shifts due to the HTOL (TA = 150°C, VSUPPLY = 3.6 V, and 1000 hours), temperature cycling (−55°C to +125°C and
1000 cycles), velocity random walk, broadband noise, and temperature hysteresis. Repeatability in relation to time follows the square root law. For example, to obtain offset
repeatability of the x-axis for 2.5 years, use the following equation: ±4.25 mg × √(2.5 years/10 years) = ±2.125 mg.
4 The temperature change is −40°C to +25°C or +25°C to +125°C.
5 The VRE measurement is the shift in dc offset while the device is subject to 7.5 g rms random vibration from 50 Hz to 2 kHz. The DUT is configured for the ±10 g range and
an output data rate of 4 kHz. The VRE scales with the range setting.
6 Based on characterization.
7 ±10 g indicates a test condition. The self test result converted to the acceleration value is independent of the selected range.
8 When V1P8ANA and V1P8DIG are generated internally, VSUPPLY is valid. To disable the LDO regulator and drive V1P8ANA and V1P8DIG externally, connect VSUPPLY to VSS.
9 Standby to measurement mode. This specification is valid when the output is within 1 mg of final value.
ADXL357B (DIGITAL OUTPUT)
TA = 25°C, VSUPPLY = 3.3 V, x-axis acceleration and y-axis acceleration = 0 g, z-axis acceleration = 1 g, full-scale range = ±10 g, and ODR =
500 Hz, unless otherwise noted. Note that multifunction pin names may be referenced only by their relevant function.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Output Full-Scale Range (FSR)
User selectable, supports three ranges
±10
g
±20
g
±40
g
Resonant Frequency1
X-axis and y-axis
5.3
kHz
Z-axis
4.8
KHz
Quality Factor (Q)
X-axis and y-axis
1.9
Z-axis
0.7
Nonlinearity
±10 g
0.1
%FSR
±40 g
1.6
%FSR
Cross Axis Sensitivity
1
%
SENSITIVITY2
Each axis
X-Axis, Y-Axis, and Z-Axis Sensitivity
±10 g
47,104
51,200
55,296
LSB/g
±20 g
23,552
25,600
27,648
LSB/g
±40 g
11,520
12,800
14,080
LSB/g
X-Axis, Y-Axis, and Z-Axis Scale Factor
±10 g
19.5
µg/LSB
±20 g
39
µg/LSB
±40 g
78
µg/LSB
Sensitivity Change due to Temperature
TA = −40°C to +125°C
±0.01
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com