| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX4508C/D bảng dữ liệu(PDF) 16 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4508C/D bảng dữ liệu(HTML) 16 Page - Maxim Integrated Products |
|
16 / 18 page ![]() Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps 16 ______________________________________________________________________________________ PACKAGE OUTLINE, .150" SOIC 1 1 21-0041 B REV. DOCUMENT CONTROL NO. APPROVAL PROPRIETARY INFORMATION TITLE: TOP VIEW FRONT VIEW MAX 0.010 0.069 0.019 0.157 0.010 INCHES 0.150 0.007 E C DIM 0.014 0.004 B A1 MIN 0.053 A 0.19 3.80 4.00 0.25 MILLIMETERS 0.10 0.35 1.35 MIN 0.49 0.25 MAX 1.75 0.050 0.016 L 0.40 1.27 0.394 0.386 D D MIN DIM D INCHES MAX 9.80 10.00 MILLIMETERS MIN MAX 16 AC 0.337 0.344 AB 8.75 8.55 14 0.189 0.197 AA 5.00 4.80 8 N MS012 N SIDE VIEW H 0.244 0.228 5.80 6.20 e 0.050 BSC 1.27 BSC C H E e B A1 A D 0∞-8∞ L 1 VARIATIONS: Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) |