| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSD95492QVM bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD95492QVM bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 13 page ![]() 0.05 MIN ALL AROUND 0.05 MAX ALL AROUND SOLDER MASK OPENING SOLDER MASK METAL UNDER SOLDER MASK DEFINED METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED (PREFERRED) 2X (0.725) 10X (0.25) 10X (0.7) (4.5) (3.7) 8X (0.5) (2.5) ( 0.2) VIA TYP 2X (1) 2X (1.275) 2X (1.85) 2X (0.8) (R0.05) TYP 2X (0.31) SYMM 1 9 10 18 SYMM METAL UNDER SOLDER MASK SOLDER MASK OPENING 5 6 13 14 8 CSD95492QVM SLPS672A – JUNE 2017 – REVISED JANUARY 2018 www.ti.com Product Folder Links: CSD95492QVM Submit Documentation Feedback Copyright © 2017–2018, Texas Instruments Incorporated 9.2 Recommended PCB Land Pattern 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON PCB Attachment (SLUA271). |