công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDC319DB bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện CDC319DB
Giải thích chi tiết về linh kiện  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  CDC319DB Datasheet HTML 1Page - Texas Instruments CDC319DB Datasheet HTML 2Page - Texas Instruments CDC319DB Datasheet HTML 3Page - Texas Instruments CDC319DB Datasheet HTML 4Page - Texas Instruments CDC319DB Datasheet HTML 5Page - Texas Instruments CDC319DB Datasheet HTML 6Page - Texas Instruments CDC319DB Datasheet HTML 7Page - Texas Instruments CDC319DB Datasheet HTML 8Page - Texas Instruments CDC319DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I2C DEVICE ADDRESS
A7
A6
A5
A4
A3
A2
A1
A0 (R/W)
H
H
L
H
L
L
H
—
I2C BYTE 0-BIT DEFINITION†
BIT
DEFINITION
DEFAULT VALUE
7
Reserved
H
6
Reserved
H
5
Reserved
H
4
Reserved
H
3
1Y3 enable (pin 7)
H
2
1Y2 enable (pin 6)
H
1
1Y1 enable (pin 3)
H
0
1Y0 enable (pin 2)
H
† When the value of the bit is high, the output is enabled.
When the value of the bit is low, the output is forced to a
low state. The default value of all bits is high.
I2C BYTE 1-BIT DEFINITION†
BIT
DEFINITION
DEFAULT VALUE
7
2Y3 enable (pin 27)
H
6
2Y2 enable (pin 26)
H
5
2Y1 enable (pin 23)
H
4
2Y0 enable (pin 22)
H
3
Reserved
H
2
Reserved
H
1
Reserved
H
0
Reserved
H
† When the value of the bit is high, the output is enabled.
When the value of the bit is low, the output is forced to a
low state. The default value of all bits is high.
I2C BYTE 2-BIT DEFINITION†
BIT
DEFINITION
DEFAULT VALUE
7
3Y1 enable (pin 18)
H
6
3Y0 enable (pin 11)
H
5
Reserved
H
4
Reserved
H
3
Reserved
H
2
Reserved
H
1
Reserved
H
0
Reserved
H
† When the value of the bit is high, the output is enabled.
When the value of the bit is low, the output is forced to a
low state. The default value of all bits is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com