| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74HC154 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74HC154 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 14 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-8670101JA Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8670101JA CD54HCT154F3A 5962-8682201JA Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8682201JA CD54HC154F3A CD54HC154F3A Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8682201JA CD54HC154F3A CD54HC154F3A.A Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8682201JA CD54HC154F3A CD54HCT154F3A Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8670101JA CD54HCT154F3A CD54HCT154F3A.A Active Production CDIP (J) | 24 15 | TUBE No Call TI N/A for Pkg Type -55 to 125 5962-8670101JA CD54HCT154F3A CD74HC154M Obsolete Production SOIC (DW) | 24 - - Call TI Call TI -55 to 125 HC154M CD74HC154M96 Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -55 to 125 HC154M CD74HC154M96.A Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 HC154M CD74HC154M96E4 Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 HC154M CD74HC154M96G4 Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 HC154M CD74HC154M96G4.A Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 HC154M CD74HCT154M Obsolete Production SOIC (DW) | 24 - - Call TI Call TI -55 to 125 HCT154M CD74HCT154M96 Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 HCT154M CD74HCT154M96.A Active Production SOIC (DW) | 24 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 HCT154M (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |