| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS393DRE4 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS393DRE4 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 31 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74LS393DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393J OBSOLETE CDIP J 14 TBD Call TI Call TI SN74LS393J OBSOLETE CDIP J 14 TBD Call TI Call TI SN74LS393N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS393N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS393N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74LS393N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74LS393NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS393NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS393NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393NSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS393NSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54393J OBSOLETE CDIP J 14 TBD Call TI Call TI SNJ54393J OBSOLETE CDIP J 14 TBD Call TI Call TI SNJ54393W OBSOLETE CFP W 14 TBD Call TI Call TI SNJ54393W OBSOLETE CFP W 14 TBD Call TI Call TI SNJ54LS390FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54LS390FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54LS390J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54LS390J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54LS390W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SNJ54LS390W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SNJ54LS393FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54LS393FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54LS393J ACTIVE CDIP J 14 1 TBD A42 SNPB N / A for Pkg Type SNJ54LS393J ACTIVE CDIP J 14 1 TBD A42 SNPB N / A for Pkg Type SNJ54LS393W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type SNJ54LS393W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. PACKAGE OPTION ADDENDUM www.ti.com 9-Oct-2007 Addendum-Page 3 |