công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSC3H40H bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện SSC3H40H
Giải thích chi tiết về linh kiện  3A, 40V Schottky Barrier Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSC3H40H bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SSC3H40H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSC3H40H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSC3H40H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSC3H40H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SSC3H40H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SSC3H40H Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSC3H40H
Taiwan Semiconductor
2
Version: A2504
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
15
°C/W
Junction-to-ambient thermal resistance
RӨJA
58
°C/W
Junction-to-case thermal resistance
RӨJC
16
°C/W
Thermal Performance Note: Units mounted on PCB (16mm x 16mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage(1)
IF = 1.5A, TJ = 25°C
VF
0.52
-
V
IF = 3.0A, TJ = 25°C
0.56
0.60
V
IF = 1.5A, TJ = 125°C
0.40
-
V
IF = 3.0A, TJ = 125°C
0.48
0.51
V
Reverse current @ rated VR(2)
TJ = 25°C
IR
-
30
μA
TJ = 125°C
-
5
mA
Junction capacitance
1MHz, VR = 4.0V
CJ
184
-
pF
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
SSC3H40H
DO-214AB (SMC)
3,000 / Tape & Reel



Html Pages

1 2 3 4 5 6