| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE9103 bảng dữ liệu(PDF) 54 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9103 bảng dữ liệu(HTML) 54 Page - Analog Devices |
|
54 / 55 page ![]() Data Sheet ADE9103/ADE9112/ADE9113 REGISTER DETAILS analog.com Rev. A | 54 of 55 Table 20. Register Details (Continued) Addr Name Bits Bit Name Settings Description Reset Access 0x077 UNIQUE_PART_ID_3 [7:0] UNIQUE_PART_ID[31:24] Unique Part ID. 0xX1 R 0x078 UNIQUE_PART_ID_2 [7:0] UNIQUE_PART_ID[23:16] Unique Part ID. 0xX1 R 0x079 UNIQUE_PART_ID_1 [7:0] UNIQUE_PART_ID[15:8] Unique Part ID. 0xX1 R 0x07A UNIQUE_PART_ID_0 [7:0] UNIQUE_PART_ID[7:0] Unique Part ID. 0xX1 R 0x07D SILICON_REVISION [7:4] NONISO_CHIP_REV Silicon Revision for NONISO Chip. 0x32 R [3:0] ISO_CHIP_REV Silicon Revision for ISO Chip. 0x22 R 0x07E VERSION_PRODUCT [7:0] VERSION_PRODUCT Version Product. 0xX3 R 0 ADE9113. 1 ADE9112. 3 ADE9103. 0x0CC DC_OFFSET_MODE [7:0] DC_OFFSET_MODE DC Offset Mode. This mode enables the current channel input short. To short the inputs, write a 1 to the register. To disable the short, write a 0. This register must first be unlocked with the CONFIG_ISO_ACC register. 1 The default value is unique to every individual IC. 2 Subject to change with each silicon revision. 3 Default value follows product version. |