công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BMM150 bảng dữ liệu(PDF) 2 Page - Bosch Sensortec GmbH

tên linh kiện BMM150
Giải thích chi tiết về linh kiện  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSCH [Bosch Sensortec GmbH]
Trang chủ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 bảng dữ liệu(HTML) 2 Page - Bosch Sensortec GmbH

  BMM150 Datasheet HTML 1Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 2Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 3Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 4Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 5Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 6Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 7Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 8Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 2
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
BMM150
THREE-AXIS GEOMAGNETIC SENSOR
Key features
Three-axis magnetic field sensor
•
Ultra-Small package
Wafer Level Chip Scale Package
(12 pins, 0.4mm diagonal ball pitch)
footprint 1.56 x 1.56 mm2, height 0.6 mm
•
Digital interface
SPI (4-wire, 3-wire), I²C, 4, 2 interrupt pins
•
Low voltage operation
VDD supply voltage range: 1.62V to 3.6V
VDDIO interface voltage range: 1.2V to 3.6V
•
Flexible functionality
Magnetic field range typical:
±1300µT (x, y-axis), ±2500µT (z-axis)
Magnetic field resolution of ~0.3µT
•
On-chip interrupt controller
Interrupt-signal generation for
- new data
- magnetic Low-/High-Threshold detection
•
Ultra-low power
Low current consumption (170µA @ 10 Hz in low power
preset), short wake-up time, advanced features for system
power management
•
Temperature range
-40 °C … +85 °C
•
RoHS compliant, halogen-free
Typical applications
•
Magnetic heading information
•
Tilt-compensated electronic compass for map rotation, navigation and augmented reality
•
Gyroscope calibration in 9-DoF applications for mobile devices
•
In-door navigation, e.g. step counting in combination accelerometer
•
Gaming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com