| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGPC40M bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGPC40M bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 35 page ![]() HIGH TEMPERATURE REVERSE BIAS (HTRB) T0220 Package Junction Temperature: Tj = as specified below Applied Bias: Vge = 0V Vce = 80% of maximum rated BVces N Channel LOW FREQUENCY ( Standard ) EQUIVALENT FAILURE RATE @ DEVICE DATE TEMP VOLTAGE QTY ACTUAL FAILURES DEV-HRS 90°C & 60% UCL TYPE CODE MAX TEST @ 90°C TIME # MODE FITs (deg C) (V) (hours) (note b) (note a) IRGBC20S 9544 150 600 20 2008 0 3.73E+06 245 IRGBC40S 9606 150 600 20 2008 0 3.73E+06 245 TOTALS 40 4016 0 7.47E+06 123 N Channel MID FREQUENCY ( Fast ) EQUIVALENT FAILURE RATE @ DEVICE DATE TEMP VOLTAGE QTY ACTUAL FAILURES DEV-HRS 90°C & 60% UCL TYPE CODE MAX TEST @ 90°C TIME # MODE FITs (deg C) (V) (hours) (note b) (note a) IRGBC30F 9537 150 600 20 2008 0 3.73E+06 245 IRGNC30FD2 9640 150 600 20 2007 0 3.73E+06 245 IRGBF30F 9613 150 900 20 2008 0 3.73E+06 245 TOTALS 60 6023 0 1.12E+07 82 NOTES a. One FIT represents one failure in one billion (1.0E+09) hours. b. FAILURE MODES: IGBT / CoPack Quarterly Reliability Report Page 10 of 35 |