| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGPC30MD2 bảng dữ liệu(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGPC30MD2 bảng dữ liệu(HTML) 5 Page - International Rectifier |
|
5 / 35 page ![]() Fit Rate / Equivalent Device Hours λ = Proportion allowed system failures X 1 X 10 9 = FITS Time period No. of devices In the case of the example, λ = 0.01 Failures X 1 = 10 9 = 14 FITS 720 Hours 1000 Devices or 14 FITs or 14 failures per 10 9 devices hours. Traditionally, reliability results have been presented in terms of Mean-Time-To-Failure or Median-Time-To-Failure. While these results have their value, they do not necessarily tell the designer what he most needs to know. For example, the Median- Time-To-Failure tells the engineer how long it will take for half a particular lot of devices to fail. Clearly no designer wishes to have a 50% failure rate within a reasonable equipment lifetime. Of greater interest, therefore, is the time to failure of a much smaller percentage of devices say 1% or 0.1%. For example, in a given application one failure per hundred units over five years is an acceptable failure rate for the equipment, the designer knows that time to accumulate 1% failure of that components per unit, then no more than 0.1% of the components may fail in five years. Therefore, the IGBT / CoPack reliability or operating-life data is presented in terms of the time it will take to produce a prescribed number of failures under given operating conditions. To obtain a perspective of failure rate from an example, let us assume that an electronic system contains 1,000 semiconductor devices, and that it can tolerate 1% system failures per month. The equation for the device failure is: IGBT / CoPack Quarterly Reliability Report Page 5 of 35 |