| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGPC20F bảng dữ liệu(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGPC20F bảng dữ liệu(HTML) 9 Page - International Rectifier |
|
9 / 35 page ![]() HIGH TEMPERATURE REVERSE BIAS (HTRB) T0247 Package Junction Temperature : Tj = as specified below Applied Bias: Vge = 0V Vce = 80% of maximum rated BVces N Channel MID FREQUENCY ( Fast ) EQUIVALENT FAILURE RATE @ DEVICE DATE TEMP VOLTAGE QTY ACTUAL FAILURES DEV-HRS 90°C & 60% UCL TYPE CODE MAX TEST @ 90°C TIME # MODE FITs (deg C) (V) (hours) (note b) (note a) IRGPC30FD2 9344 150 600 20 1080 0 2.01E+06 456 IRGPC50FD2 9237 150 600 59 2008 0 1.10E+07 83 TOTALS 79 3088 0 1.30E+07 70 N Channel HIGH FREQUENCY ( Ultra-Fast ) EQUIVALENT FAILURE RATE @ DEVICE DATE TEMP VOLTAGE QTY ACTUAL FAILURES DEV-HRS 90°C & 60% UCL TYPE CODE MAX TEST @ 90°C TIME # MODE FITs (deg C) (V) (hours) (note b) (note a) IRGPC40U 9538 150 600 20 2008 0 3.73E+06 245 IRGPC40U 9620 150 600 20 2008 0 3.73E+06 245 IRGPC40UD2 9237 150 600 20 1008 0 1.87E+06 489 IRG4PC40UD2 9643 150 600 20 2030 0 3.78E+06 243 IRGPC50UD2 9346 150 600 20 1080 0 2.01E+06 456 IRGPH60UD2 9450 150 1200 10 1008 0 9.37E+05 977 TOTALS 110 9142 0 1.61E+07 57 NOTES a. One FIT represents one failure in one billion (1.0E+09) hours. b. FAILURE MODES: IGBT / CoPack Quarterly Reliability Report Page 9 of 35 |