| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FLITE-SK/RAIS2 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE-SK/RAIS2 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 124 page ![]() ST7LITE0xY0, ST7LITESxY0 8/124 Note: In the interrupt input column, “eix” defines the associated external interrupt vector. If the weak pull-up col- umn (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 15 14 PA2/ATPWM0 I/O CT HS X XX X Port A2 Auto-Reload Timer PWM0 16 15 PA1 I/O CT HS X XX X Port A1 17 16 PA0/LTIC I/O CT HS X ei0 X X Port A0 Lite Timer Input Capture Pin n° Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output 1 |