| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACPL-K43CT bảng dữ liệu(PDF) 2 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ACPL-K43CT bảng dữ liệu(HTML) 2 Page - Abracon Corporation |
|
2 / 16 page ![]() Broadcom ACPL-K43CT-K44CT-DS100 2 ACPL-K43CT, ACPL-K44CT Data Sheet Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package Functional Diagram NOTE: Connect a 0.1-μF bypass capacitor between pins 5 and 8. Truth Table 7 1 2 3 45 6 8 ANODE CATHODE NC NC VCC VO NC GND ACPL-K43CT 7 1 2 3 45 6 8 ANODE1 CATHODE1 CATHODE2 ANODE2 VCC VO1 VO2 GND ACPL-K44CT LED VO ON LOW OFF HIGH Ordering Information To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: Specify ACPL-K43CT-560E to order the product comprised of an SSO-8 Surface Mount package in Tape and Reel packaging with the IEC/EN 60747-5-5 safety approval and RoHS compliance. Option data sheets are available. Contact your Broadcom sales representative or authorized distributor for information. Part Number Option (RoHS Compliant) Package Surface Mount Tape and Reel UL 5000 Vrms / 1-Minute Rating IEC/EN 60747-5-5 Quantity ACPL-K43CT -000E Stretched SO-8 X — X — 80 per tube -060E X — X X 80 per tube -500E X X X — 1000 per reel -560E X X X X 1000 per reel ACPL-K44CT -000E Stretched SO-8 X — X — 80 per tube -060E X — X X 80 per tube -500E X X X — 1000 per reel -560E X X X X 1000 per reel |