công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BMP581 bảng dữ liệu(PDF) 37 Page - Bosch Sensortec GmbH

tên linh kiện BMP581
Giải thích chi tiết về linh kiện  Barometric Pressure Sensor
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSCH [Bosch Sensortec GmbH]
Trang chủ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP581 bảng dữ liệu(HTML) 37 Page - Bosch Sensortec GmbH

Back Button BMP581 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP581 Datasheet HTML 41Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
Bosch Sensortec | BST-BMP581-DS004-11
37 | 75
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP581-DS004-11
as well as in the event of applications for industrial property rights
Figure 8: SPI single-byte write operation
shows the SPI multi-byte (burst) write protocol. The host sends the write command, multiple pairs of write
address/data and finally terminates the transaction. Note that for each write byte the address has to be sent over
separately.
Figure 9: SPI burst write operation
5.5.3 SPI read operation
SPI read operation supports single-byte as well as multi-byte (burst) reading. Figure 10 shows the SPI single-byte read
protocol. The host sends the read command, read address, gets the read data, and then terminates the transaction.
Figure 10: SPI single-byte read operation
Figure 11shows the SPI multi-byte (burst) read protocol. The host sends the read command, read address, gets multiple
byte read data, and then terminates the transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75