công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BME690 bảng dữ liệu(PDF) 54 Page - Bosch Sensortec GmbH

tên linh kiện BME690
Giải thích chi tiết về linh kiện  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSCH [Bosch Sensortec GmbH]
Trang chủ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 bảng dữ liệu(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 50Page - Bosch Sensortec GmbH BME690 Datasheet HTML 51Page - Bosch Sensortec GmbH BME690 Datasheet HTML 52Page - Bosch Sensortec GmbH BME690 Datasheet HTML 53Page - Bosch Sensortec GmbH BME690 Datasheet HTML 54Page - Bosch Sensortec GmbH BME690 Datasheet HTML 55Page - Bosch Sensortec GmbH BME690 Datasheet HTML 56Page - Bosch Sensortec GmbH BME690 Datasheet HTML 57Page - Bosch Sensortec GmbH BME690 Datasheet HTML 58Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
54 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
7.4 Landing pattern recommendation
For the design of the landing pattern, the dimensions shown in Picture 17: Recommended landing pattern (top view;
dimensions are in millimeters) are recommended. It is important to note that areas marked in red are exposed PCB metal
pads.
•
In case of a solder mask defined (SMD) PCB process, the land dimensions should be defined by solder mask
openings. The underlying metal pads are larger than these openings.
•
In case of a non-solder mask defined (NSMD) PCB process, the land dimensions should be defined in the metal
layer. The mask openings are larger than these metal pads.
1
2
4
3
8
7
5
6
Soldier stop
Landing pattern
1.50
3.00
0.40
0.60
Picture 17: Recommended landing pattern (top view; dimensions are in millimeters)
Solder stop
Landing pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60