công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWF2104HA bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện ECWF2104HA
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2104HA bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  ECWF2104HA Datasheet HTML 1Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 2Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 3Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 4Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 5Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 6Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 7Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 8Page - Panasonic Semiconductor ECWF2104HA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ECWF(A) series
■ Taping style
* Please check the product drawing for the shape of the lead wire forming.
Unit
:mm
The above diagram shows the taping dimensions, and the lead wire forming shape is an example.
* H1 dimension is based on insertion machine “Panasert RH series” made by Panasonic.
Consult with Panasonic technical staff when using other insertion machines.
*:max.
■ Packaging specifications
● Lead spacing
Unit
:mm
See the column “Rating · Dimensions · Quantity” for packing quantity.
■ Rated voltage [DC]:250 V, Capacitance tolerance:±3 %(H), ±5 %(J)
*
□:Capacitance tolerance code
()
:Suffix for lead crimped or taped type
Size
Taping specifications for automatic insertion
P
F
15.0
E
30.0
D
15.0
Series
R.voltage
(V) [DC]
Capacitance range
(μF)
Lead
spacing
Taping style
Style
〇
250
0.56 to 3.9
7.5
7.5
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
D
7.5
Ammo
0.10 to 0.68
0.56 to 2.2
Ammo
E
F
Ammo
Ammo
Ammo
0.10 to 0.47
0.10 to 0.47
J4
450
630
ECWF(A)
R( )A
R( )A
R( )A
Rating · Dimensions · Quantity
15.0
7.5
16.0
44.0
Style
D
E
F
Suffix
Packing
15.0
7.5
16.0
15.0
7.5
16.0
44.0
H1*
H0
44.0
P0
F
R( )A
〇
〇
〇
〇
ød
Bulk
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Straight
Straight
7.5 mm
Straight
・
Crimped lead
H max.
ECWF2224
□A( )
ECWF2124
□A( )
ECWF2154
□A( )
S
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Taping
Min. order Q'ty (PCS)
Dimensions (mm)
0.6
5.0
5.3
5.6
5.9
6.3
ECWF2104
□A( )
ECWF2184
□A( )
1100
Part No.
Capacitance
(μF)
L
max.
T
max.
F
G max.
ECWF2335
□A( )
ECWF2395
□A( )
ECWF2275
□A( )
ECWF2225
□A( )
ECWF2185
□A( )
ECWF2125
□A( )
ECWF2155
□A( )
ECWF2105
□A( )
ECWF2684
□A( )
ECWF2824
□A( )
ECWF2565
□A( )
ECWF2685
□A( )
ECWF2475
□A( )
1.5
20.0
20.0
19.3
20.6
3.9
4.7
12.5
12.5
12.5
12.5
28.9
30.5
23.8
23.5
0.8
0.8
0.8
0.8
0.8
300
1300
1200
1000
800
700
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
–
1.5
1.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
20.0
20.0
–
28.5
20.0
20.0
14.1
14.4
14.7
15.1
15.4
15.9
16.4
16.9
17.6
18.4
19.0
19.6
20.3
21.6
22.6
23.5
24.6
24.2
25.3
26.3
27.6
–
14.1
14.4
14.7
15.1
15.4
15.9
16.4
16.9
17.6
16.4
17.0
17.6
18.3
19.6
20.6
21.5
22.6
22.2
23.3
24.3
25.6
26.9
13.5
14.8
16.2
13.3
14.6
15.6
16.5
17.6
17.2
18.3
23.8
23.8
21.9
10.5
11.4
12.6
11.4
12.5
18.8
18.8
18.8
23.8
23.8
23.8
6.8
7.3
7.8
8.4
6.9
7.4
8.0
8.5
9.5
ECWF2564
□A( )
0.56
ECWF2474
□A( )
ECWF2394
□A( )
ECWF2274
□A( )
ECWF2334
□A( )
200
200
300
400
900
0.68
0.82
1.0
1.2
1.5
1.8
2.2
0.27
0.33
0.39
0.47
18.1
18.1
–
500
5.6
6.8
2.7
3.3
17.8
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.1
18.1
0.10
0.12
0.15
0.18
0.22
18.8
Style D
Style E
Style F
P0
F
P
P0
F
P
P0
F
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com