| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4002B bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4002B bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 13 page ![]() Type list HCC4000B series 10/13 Types ESCC detail spec Functionality EM part number HCC4046B 9202-044 Micropower Phase Locker Loop HCC4046BK1 HCC4047B 9207-003 Monostable - Astable Multivibrator HCC4047BK1 HCC4049UB 9202-045 Hex Inverting Buffer - Converter HCC4049UBK1 HCC4050B 9202-046 Hex Non-Inverting Buffer - Converter HCC4050BK1 HCC4051B 9202-047 Single 8-channel Analog Mux - DeMux HCC4051BK1 HCC4052B 9202-048 Different 4-channel Analog Mux - DeMux HCC4052BK1 HCC4053B 9202-049 Triple 3-channel Analog Mux - Demux HCC4053BK1 HCC4060B 9204-052 14-stage Counter - Divider AND Oscillator HCC4060BK1 HCC4063B 9209-001 4-bit Magnitude Comparator HCC4063BK1 HCC4066B 9408-005 Quad Bi-lateral Switch HCC4066BK1 HCC4067B 9408-009 Single 16-channel Analog Mux - DeMux HCC4067BK1 HCC4068B 9201-061 8-Input NAND / AND Gate HCC4068BK1 HCC4069UB 9401-010 Hex Inverter HCC4069UBK1 HCC4070B 9201-048 Quad Exclusive-OR Gate HCC4070BK1 HCC4071B 9201-063 Quad 2-Input OR Gate HCC4071BK1 HCC4072B 9201-082 Dual 4-Input OR Gate HCC4072BK1 HCC4073B 9201-064 Triple 3-Input AND Gate HCC4073BK1 HCC4075B 9201-065 Triple 3-Input OR Gate HCC4075BK1 HCC4076B 9306-022 4-bit D-type Register HCC4076BK1 HCC4077B 9201-055 Quad Ex-NOR Gate HCC4077BK1 HCC4078B 9201-062 8-Input NOR / OR Gate HCC4078BK1 HCC4081B 9201-052 Quad 2-Input AND Gate HCC4081BK1 HCC4082B 9201-066 Dual 4-Input AND Gate HCC4082BK1 HCC4085B 9201-067 Dual 2-wide 2-Input AND-OR Inverter Gate HCC4085BK1 HCC4093B 9409-002 Quad 2-Input NAND Schmitt Trigger HCC4093BK1 HCC4094B 9306-026 8-stage Shift AND Store Bus Register HCC4094BK1 HCC4098B 9206-003 Dual Monostable Multivibrator HCC4098BK1 HCC4099B 9202-058 8-bit Addressable Latch HCC4099BK1 HCC40103B 9204-036 Presettable 8-bit Binary Down Counter HCC40103BK1 HCC40105B 9306-033 4-bit by 16 words HCC40105BK1 HCC40106B 9409-005 Hex Schmitt Trigger HCC40106BK1 HCC40107B 9401-013 Dual 2-Input NAND Buffer - Driver HCC40107BK1 HCC40109B 9407-003 Dual Low-to-High Voltage Level Shifter HCC40109BK1 HCC40161B 9204-054 Binary Counter with Asynchronous Clear HCC40161BK1 HCC40163B 9204-046 Binary Counter with Synchronous Clear HCC40163BK1 Table 3. Type list |