| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
147 bảng dữ liệu(PDF) 28 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
147 bảng dữ liệu(HTML) 28 Page - Abbatron All Rights Reserved |
|
28 / 60 page ![]() Insulated Tip Jacks • Mounts in panel hole as indicated, with hardware supplied for fully insulated mounting. • Wire lead solders to contact lug or wraps and solders to turret. • Rated at 10 Amps AC for 10oC temperature rise, continuous duty. Voltage, capacitance ratings per table. • Available in red (-102) or black (-103) as standard colors. Call for other colors. VOLTAGE CAPACITY 1598 A All insulated, Quick Mounting 3/16 1 KV 4.0 pf 1505 B All insulated, Turret Terminal 1506 C All insulated, Eyelet Terminal 1507 D All insulated, Feed-Thru Brass Turret 1503 E Insulated Body, Metal Shell, Feed-Thru 3501 F Insulated Body, Metal Shell, Turret Terminal MIL MIL Version Per MIL-C-39024/10 Version Per MIL-C-39024/10 3502 Insulated Body, Metal Shell, Eyelet Terminal RATINGS MOUNTING HOLE 2 KV 3.0 pf 10.0 pf PART NO. ILLUS. TYPE 1/4 26 A E F G B C D HH Smith |