công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9503 bảng dữ liệu(PDF) 22 Page - Abbatron All Rights Reserved

tên linh kiện 9503
Giải thích chi tiết về linh kiện  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABBATRON [Abbatron All Rights Reserved]
Trang chủ  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 bảng dữ liệu(HTML) 22 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 18Page - Abbatron All Rights Reserved 9503 Datasheet HTML 19Page - Abbatron All Rights Reserved 9503 Datasheet HTML 20Page - Abbatron All Rights Reserved 9503 Datasheet HTML 21Page - Abbatron All Rights Reserved 9503 Datasheet HTML 22Page - Abbatron All Rights Reserved 9503 Datasheet HTML 23Page - Abbatron All Rights Reserved 9503 Datasheet HTML 24Page - Abbatron All Rights Reserved 9503 Datasheet HTML 25Page - Abbatron All Rights Reserved 9503 Datasheet HTML 26Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Standard Insulated Banana Plugs
PART NO.
ILLUS.
TYPE
HANDLE
WIRING
RATING
211
A
212
B
476
C
Polycarbonate
204
D
Side Screw
295
E
455
F
Polycarbonate
15 Amps - 1KV
Standard
Nylon
Nylon
Stud or Well
Solderless
20
•
Banana plug bodies are nickel plated brass with
beryllium copper springs.
•
Handles are molded plastic as indicated in table.
•
Available in red (-102) and black (-103) as standard
colors. Other colors are available upon request.
A
B
C
HH Smith
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60