công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HGDFPT021B bảng dữ liệu(PDF) 18 Page - ALPS ELECTRIC CO.,LTD.

tên linh kiện HGDFPT021B
Giải thích chi tiết về linh kiện  Magnetic Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPS [ALPS ELECTRIC CO.,LTD.]
Trang chủ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGDFPT021B bảng dữ liệu(HTML) 18 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGDFPT021B Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 16Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 17Page - ALPS ELECTRIC CO.,LTD. HGDFPT021B Datasheet HTML 18Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
4. LEGAL DISCLAIMER
1.
国内外の輸出関連法規により規制されている製品の輸出に際しては、同法規を遵守の上、
必要な許可、手続き等をとってください。
2.
軍事用途又はテロ等の反社会活動目的では、当製品を一切使用しないでください。
また、最終的にそれら用途・目的で使用されるおそれがある法人・団体・個人等へも当製品
を一切供給しないでください。
3.
当製品は、特に用途を指定していないかぎり、本来、AV、家電、事務機、情報機器、通信
機器、アミューズメント機器等の一般電子機器用に設計、製造されたものです。
したがいまして、原子力制御機器、宇宙・航空機で運行にかかわる機器等の用途では一切
使用しないでください。
上記の使用禁止の用途以外で、医療機器、防犯機器、防災機器、海底用機器等の高度の
安全性・信頼性を必要とする機器でのご使用の際は、弊社営業担当迄ご相談いただくか、
またはセットでの十分な適合性の確認を行っていただいた上で、フェールセーフ設計、保護
回路、冗長回路、誤動作防止設計、延焼対策設計等のセットでの安全対策設計を設けてく
ださい。
4.
車載対応製品以外の製品を車載用にご使用される場合は、事前に弊社へご相談ください。
For the export of products which are controlled items subject to foreign and domestic export
laws and regulations, you must obtain approval and/or follow the formalities of such laws and
regulations.
Products must not be used for military and/or antisocial purposes such as terrorism, and shall
not be supplied to any party intending to use the products for such purposes.
Unless provided otherwise, the products have been designed and manufactured for
application to equipment and devices which are sold to end-users in the market, such as AV
(audio visual) equipment, home electric equipment, office and commercial electronic
equipment, information and communication equipment or amusement equipment. The
products are not intended for use in, and must not be used for, any application of nuclear
equipment, driving control equipment for aerospace or any other unauthorized use.
With the exception of the above mentioned banned applications, for applications involving high
levels of safety and liability such as medical equipment, burglar alarm equipment, disaster
prevention equipment and undersea equipment, please contact an Alps sales representative
and/or evaluate the total system on the applicability. Also, implement a fail-safe design,
protection circuit, redundant circuit, malfunction protection and/or fire protection into the
complete system for safety and reliability of the total system.
Before using products which were not specifically designed for use in automotive applications,
please contact an Alps sales representative.
Magnetic Sensor
18 / 18
HGDFPT021B_ Datasheet
Rev.00
May/20/2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18