công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2136 bảng dữ liệu(PDF) 37 Page - Abbatron All Rights Reserved

tên linh kiện 2136
Giải thích chi tiết về linh kiện  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABBATRON [Abbatron All Rights Reserved]
Trang chủ  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

2136 bảng dữ liệu(HTML) 37 Page - Abbatron All Rights Reserved

Back Button 2136 Datasheet HTML 33Page - Abbatron All Rights Reserved 2136 Datasheet HTML 34Page - Abbatron All Rights Reserved 2136 Datasheet HTML 35Page - Abbatron All Rights Reserved 2136 Datasheet HTML 36Page - Abbatron All Rights Reserved 2136 Datasheet HTML 37Page - Abbatron All Rights Reserved 2136 Datasheet HTML 38Page - Abbatron All Rights Reserved 2136 Datasheet HTML 39Page - Abbatron All Rights Reserved 2136 Datasheet HTML 40Page - Abbatron All Rights Reserved 2136 Datasheet HTML 41Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Hole Plugs
35
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
PART
HOLE
NO.OF
NO.
DIA.
PRONGS
650
1/4
13/32
15/64
651
5/16
7/16
1/4
652
3/8
1/2
15/64
653
1/2
21/32
9/32
654
5/8
13/16
655
3/4
59/64
608
7/8
1-1/16
1/16
612
1
1-9/64
21/64
3/32
656
1
6
1-5/32
19/64
3084
1-1/8
1-5/16
3085
1-1/4
1-7/16
3/32
3086
1-3/8
1-9/16
5/64
3087
1-1/2
1-41/64
3/32
19/64
11/32
DIA.
LENGTH HEIGHT
5/64
6
8
12
12
13/32
1/16
5/64
• Hole plugs are black, type 6/6 nylon.
• Part number 3083 is vented.
• Hole plugs are nickel plated steel.
• Prongs are adjustable to ensure a snug fit.
• Part number 656 is vented.
PART
HOLE
DIA.
HEIGHT
MAX
NO.
DIA.
A
B
CHASSIS
3089
1/4
5/16
3090
5/16
3/8
3091
3/8
15/32
3092
1/2
67/64
3093
5/8
23/32
3094
3/4
27/32
3095
1-1/8
3083
1-13/64
3096
1-1/8
1-7/32
3097
1-1/4
1-3/8
3098
1-3/8
1-1/2
3099
1-1/2
1-43/64
1/16
1/8
1
5/16
13/32
29/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60