| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
511158 bảng dữ liệu(PDF) 2 Page - Hutchinson Paulstra |
|
|
|||||||||||||||||||||||||||||
511158 bảng dữ liệu(HTML) 2 Page - Hutchinson Paulstra |
|
2 / 4 page ![]() 40 ** ** 0.75 0.9 1.5 1.25 1.2 1.6 12 10 6 6 M3 M3 8 8 950 950 600 500 450 45 35 35 35 35 M14 30 30 40 70 80 5 5 7 15 17 Ref. Deflect mm Max. load daN Deflect mm Max. load daN G mm Ø C B mm 12 10 Ø A mm 15 22 30 40 25 36 45 25 35 45 20 28 35 40 45 30 40 521601 521603 521641 25 400 300 250 5 8 11 30 30 30 4.5 7 9 60 M10 25 300 250 190 6 8 11 25 25 25 4.5 7 9 521580 521581 521582 M10 50 25 450 350 300 8 11 14 35 35 35 6.5 11 15 521705 521710 521711 70 35 50 70 M10 28 600 9 40 7 521658 40 M12 521803 521840 521841 521842 521843 7 7 9 17 19 40 40 40 40 40 80 100 47 1100 900 750 8 12 19 60 60 60 7 10 17 521908 521909 521910 40 55 80 M16 521293 521128 521295 1.5 2 4 1.5 2.5 2.5 2 3 3.5 12 10 8 10 M5 10 15 20 M4 10 20 1.5 3 2.5 1.5 2 521650 521651 10 15 M6 16.5 40 35 30 30 25 0.6 3 4.5 5.5 7 5 5 5 4.5 4.5 1 2.5 3.5 4.5 4.5 521178 521249 521297 521299 521319 8.5 15 20 25 30 521292 521294 521296 521298 1.5 2 4 5 2.5 2.5 2.5 2 1.5 3 4 5 20 20 15 15 12 M5 10 15 20 25 521655 521656 521652 521653 1.5 2.5 4 6 8 8 8 8 1.5 2.5 2 7.5 80 60 50 50 2.5 4 6 7.5 11 11 11 11 3 5 8 9 90 80 70 60 25 M8 10 15 22 25 30 40 18 M6 10 15 20 30 521308 521310 521312 521314 12.5 30 513601 511625 511635 511645 3 6 9 11 350 400 300 250 25 M10 22 25 36 45 60 511525 511535 511545 6 9 11 300 250 190 25 M10 25 35 45 50 40 511308 511310 511312 511314 511265 511270 511251 511275 511280 511285 511290 511110 511128 511115 511125 2 2.5 3 3.5 12 11 10 8 10 M5 10 13.5 15 20 12.5 16 3.5 6 8 9 90 80 70 60 25 M8 15 22 30 40 30 Ref. Compression B mm 10 15 Deflection mm Max. load daN Ø C 511150 511151 2 3 20 10 M4 G mm Ø A mm 2 3 4 5 20 20 15 15 10 15 20 25 8.5 15 20 25 30 M5 12 511292 511294 511296 511298 511200 511215 511220 511225 511230 1.5 4 5 5.5 7 M6 16.5 40 35 30 30 25 20 25.5 10 15 19 22 25 30 40 511450 511401 511452 511454 511456 5 6 8 10 11 160 150 120 120 120 25 M10 20 25 35 40 45 511157 511161 7 10 120 120 20 M8 30 40 Threaded hole fixing on request (except Ø 12.5). See current price list for availability of items. DIMENSIONS AND COMPRESSIVE LOADS *The shear characteristics are measured under Axial Load. **See VIBRACHOC elastomer range : references E3RP. See Vibrachoc elastomer range : Threaded studs 35 SINGLE STUD FIXING DOUBLE STUDS FIXING M8 M8 20 80 60 55 50 50 50 50 2 3.5 4.5 5.5 6 8 10 18 80 60 50 50 2 3.5 5 8 511158 511155 511159 511160 10 15 20 30 M6 25 450 350 300 9 12 14 511735 511750 511770 70 35 50 70 M10 45 35 35 35 35 1100 950 600 500 450 6 8 10 17 19 513801 511830 511840 511870 511880 80 25 30 40 70 80 M14 Compression Shear* 16 20 20 80 60 50 50 50 50 1.5 2.5 4 5.5 7.5 10 8 8 8 8 8 6.5 1.5 2.5 4 4.5 6 6 521340 521341 521251 521342 521343 521344 25.5 25 160 150 120 120 120 4 6 8 10 11 20 20 20 20 20 3 5.5 6.5 7.5 9 521450 521401 521452 521454 521456 M10 20 150 120 6 10 20 20 5.5 7.5 521181 521657 M8 New RADIAFLEX references Ø A Ø A Ø C Ø C |