công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F39-LSGF bảng dữ liệu(PDF) 75 Page - Omron Electronics LLC

tên linh kiện F39-LSGF
Giải thích chi tiết về linh kiện  Safety Light Curtain/Safety Multi-Light Beam
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LSGF bảng dữ liệu(HTML) 75 Page - Omron Electronics LLC

Back Button F39-LSGF Datasheet HTML 71Page - Omron Electronics LLC F39-LSGF Datasheet HTML 72Page - Omron Electronics LLC F39-LSGF Datasheet HTML 73Page - Omron Electronics LLC F39-LSGF Datasheet HTML 74Page - Omron Electronics LLC F39-LSGF Datasheet HTML 75Page - Omron Electronics LLC F39-LSGF Datasheet HTML 76Page - Omron Electronics LLC F39-LSGF Datasheet HTML 77Page - Omron Electronics LLC F39-LSGF Datasheet HTML 78Page - Omron Electronics LLC F39-LSGF Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
F3SG-SR-K
75
Functio
nal
Mutual interference prevention
Optical synchronization: The scan code is fixed to Code A.
Wired synchronization: in up to 3 sets
Test function
Self-test (at power-on, and during operation)
External test (light emission stop function by test input)
Safety-related functions
Interlock
External Device Monitoring (EDM)
Pre-Reset
PSDI
Fixed Blanking/Floating Blanking
Reduced Resolution
Muting/Override
Mutual Interference Prevention
PNP/NPN Selection
Response Time Adjustment
Environ
mental
Ambient
temperature
Operating
-30 to 55 °C (non-icing)
Storage
-30 to 70 °C
Ambient
humidity
Operating
35% to 85% (non-condensing)
Storage
35% to 95%
Ambient illuminance
Incandescent lamp: 3,000 Ix max. on receiver surface
Sunlight: 10,000 Ix max. on receiver surface
Degree of protection (IEC 60529)
IEC 60529: IP65 and IP67, ISO 20653: IP69K
Vibration resistance (IEC 61496-1)
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock resistance (IEC 61496-1)
100 m/s2, 1000 shocks for all 3 axes
Pollution degree (IEC 60664-1)
3
Connect
ions
Root cable
Type of connection
Open-ended type
Number of wires
Emitter: 5, Receiver: 8
Cable length
15 m
Cable diameter
6 mm
Minimum bending radius R5 mm
Cable
extension
Refer to page 27 for restrictions on cable extension.
Root cable
In optical synchronization: 100 m max. * between power supply and emitter and between power supply and
receiver
In wired synchronization: 100 m max. * between power supply and emitter, between power supply and
receiver, and between emitter and receiver
* When the Intelligent Tap (F39-SGIT-IL3) is connected to the sensor, this applies in the case of the rated
power supply of 24 VDC to 24 VDC +20%.
Material
Pipe: Acrylic resin
Cap: SUS316L
Weight
Refer to page 76.
Included accessories
Instruction Sheet, Quick Installation Manual, Troubleshooting Guide Sticker
Confor
mity
Conforming standards
Refer to page 107.
Type of ESPE (IEC 61496-1)
Type 4
Performance Level (PL)/
Safety category
PL e/Category 4 (EN ISO 13849-1:2015)
PFHD
1.1×10-8 max. (IEC 61508)
Proof test interval TM
Every 20 years (IEC 61508)
SFF
99% (IEC 61508)
HFT
1 (IEC 61508)
Classification
Type B (IEC 61508-2)
Model
F3SG-4SRB-14-K
F3SG-4SRB-25-K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com