| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS720PLUS bảng dữ liệu(PDF) 2 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DS720PLUS bảng dữ liệu(HTML) 2 Page - Synology Inc. |
|
2 / 8 page ![]() DATASHEET | DiskStation DS720+ Streamline Your Data Management Experience Synology DS720+ is a powerful 2-bay desktop NAS that brings you a fast and smooth data management experience, as well as 225 MB/s sequential read and 195 MB/s sequential write throughput3. It benefits computing-intensive applications, speeding up Synology Drive and Moments by an average 15%2, and boosting Web PHP response efficiency by about 130% compared to its predecessor, making data management simple and efficient. DS720+ comes with two built-in M.2 SSD slots that support Synology SSD Cache technology, allowing you to reduce random I/O response time 20 times compared with mechanical drives without occupying front drive bays. You can add five more drives with Synology DX517 for higher storage capacity1. On-premises Collaboration & Synching Solution DS720+ comes with Synology Collaboration Suite, the productivity and file sharing solution that powers team collaboration while leveraging the advantages of the private cloud to fully control data and prevent data leaks -- through HTTPS support, a built-in firewall, and multiple IP and account intrusion auto-blocking mechanisms. • Synology Drive enables data synchronization and backup via web portal and desktop applications across Windows®, macOS®, and Linux® platforms. Intelliversioning saves historical versions while minimizing storage space use and supports on-demand data restoration. • Synology Office includes Documents, Spreadsheets, and Slides. Its online editing environment allows multiple users to edit, comment, and share company data simultaneously -- at no additional license fee. • Synology MailPlus is a reliable mail server, accessible through an intuitive web-based client, that helps users to manage emails and increase productivity. MailPlus supports deployment in High-Availability clusters. • Synology Chat enables instant conversations and optimizes team communications with powerful features including message encryption, pinning, forwarding, reminders, and scheduling. Synology Collaboration Suite A powerful and secure private cloud solution that lets teams collaborate, sync files, and communicate with others anytime, anywhere. |