| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS620SLIM bảng dữ liệu(PDF) 2 Page - Synology Inc. |
|
|
|||||||||||||||||||||||||||||
DS620SLIM bảng dữ liệu(HTML) 2 Page - Synology Inc. |
|
2 / 8 page ![]() DATASHEET | DiskStation DS620slim Ultra-compact yet Flexible in RAID Configuration Synology DS620slim is a mini 6-bay NAS with 2.5" drive support, yet flexible when building different RAID types with HDDs or SSDs to reach better data protection. Moreover, the storage performance can be further enhanced by taking advantage of SSD cache while still having enough drive bays for data storage. DS620slim features a dual-core processor and 2GB memory, expandable up to 6GB. With AES-NI encryption, the model delivers sequential throughput performance at over 220 MB/s reading and 190 MB/s writing1 under encrypted data transmission in dual 1GbE Link Aggregation environment. DS620slim comes with dual USB 3.0 ports, providing rapid data transfer and backup to external storage devices. Cross-Platform File Sharing and Data Synchronization Synology DS620slim supports comprehensive network protocols, ensuring a seamless file sharing experience across Windows, Mac®, and Linux® platforms. Windows AD and LDAP integration allows DS620slim to fit quickly and effortlessly into any existing network environment, without needing to create identical user accounts. With Synology Drive, you can sync files across Windows, macOS and Linux computer platforms, and access files on the go with mobile devices to keep information up-to-date and share files effortlessly. Cloud Sync keeps your Dropbox, Google™ Drive, Microsoft OneDrive, Baidu, and Box storage in sync with your personal DiskStation at home. Ultimate Backup Solution DS620slim integrates various backup applications to safeguard your important data on any device with an intuitive user interface and durable storage technologies. • Workstation/Server/Virtual Machine Backup: Active Backup for Business centralizes backup tasks for virtual machines, Windows PC, servers, and rsync/SMB file servers. Fast and reliable recovery options ensure running services, VMs and files instantly available when needed. • SaaS backup: Active Backup for Office 365/G Suite is an on-premises backup solution for public clouds with a centralized dashboard, optimizing storage efficiency through the single instancing and block-level deduplication technology. Synology Active Backup Suite Integrated, modern, and license-free backup and instant recovery solution for business workloads in physical, virtual, and cloud environments. Robust File Syncing & Sharing Suite With Synology Drive, Synology DS620slim can serve as a centralized file server, allowing files to be synced and accessed across platforms while enabling easy file sharing and management. |