| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
847 bảng dữ liệu(PDF) 21 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
847 bảng dữ liệu(HTML) 21 Page - Abbatron All Rights Reserved |
|
21 / 60 page ![]() Knob Type Binding Posts 19 • Where only a simple, grounded, single-wire connection is to be made to a panel or chassis, these metal compression type posts are recommended. • Parts in diagram B and C connect with .080” phone tip plug, standard banana plug and wire (to #14). B C A PART NO. FIGURE MOUNTING HOLE MOUNTING THREAD 110 A #8 8-32 Screw 159 B #6 6-32 Thread 136 C #6 6-32 Thread Type SPECS CONTINUOUS TEMPERATURE FLAMMABILITY RATING - UL Nylon Type 6/6 ASTM-D4066 185 F 94 V-2 Polycarbonate UL-94 220 F 94 V-0 A.B.S. L-P-1183 160 F 94HB Phenolic - 220 F 94HB PLASTICS www.abbatron.com Contact our Sales Department at 1-888-847-6484 Design & Application Features: Where only a simple, grounded, single wire connection is to be made to a panel or chassis, the metal compression type posts are recommended (part numbers 159,136). Where a grounded connection is required, but a variety of plugs, tips or wires may be used, the metal-head, multiple- use binding posts are ideal. The hex styles offer a variety of sizes and current ranges (part numbers 1835 and 137). For lowest cost in insulated binding posts, fluted head posts are the choice (part number 1464). The thread is molded as an integral part of the head, thus reducing cost but maintain- ing quality. Versions are offered to ground the post directly to the panel or to fully insulate the post. Our premium quality insulated binding posts feature brass threaded inserts in the head, separable washer construction and a variety of head styles, stud sizes, mounting space requirements and metal finishes. High current posts are available in both hex and fluted heads, whereas the thinner styles offer narrow fluted heads for space efficiency (part numbers 257, 1517 and 459). Both of these types are made in military specifications style in the gold plated versions. Tin plated posts have all the features of the MIL-Spec posts with the bright solderable pure tin plating for greater economy. A subminiature post is offered to fit miniature banana plugs and miniature alligator clips and spade lugs (part number 3015). The line of dual binding posts offer all features and economies of the single posts but with the added convenience of pre-mounting on exact 3/4" or 1/2" centers on a common panel insulator (part numbers 269, 1477, 1813 and 1814). |