| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ENC1P-D20-R00064L bảng dữ liệu(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
ENC1P-D20-R00064L bảng dữ liệu(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() EN – Rotary Optical Encoder Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Dimensional Drawings Optional Radial Leads A -+ B GROUND N.C. Vcc CHANNEL B CHANNEL A TERMINATION DIAGRAM 2.54 (.100) TYP. SQ. 1/4-32 UNEF DIA. 3/8-32 UNEF 3/8-32 UNEF 1/4-32 UNEF Optional Radial Leads Bushing Style C Bushing Style S (Ball Bearing) Bushing Style A Shaft End Style C Bushing Style T (Ball Bearing) Servo Mount Style W (Ball Bearing) 9.525 (.375) .635 (.025) 18.5 (.73) 6.35 (.250) 6.34 (.2497) 5.54 (.218) F 3.167 + .000/ – .0076 (.1247 + .000/ – .0003) 8.636 (.34 ) 4 PLCS. 2 PLCS. Recommended Board Layout with Bracket Bushing with Bracket Radial Leads Axial Ribbon Cable OptionRadial Ribbon Cable Option 18.11 (.713) 11.13 (.438) 4.14 (.163) 2.54 (.100) 6.99 (.275) 9 PLCS. DIA. MIN. 0.99 (.039) 15.88 (.625) 1.37 (.054) 21.21 (.835) 2.36 (.093) 9.53 (.375) 6.342 + .000/ – .0076 (.2497 + .000/ – .0003) 10.32 + .000/ – .0508 (.4062 + .000/ – .002) 9.53 (.375) 9.53 (.375) DIA. 6.342 + .000/ – .0076 (.2497 + .000/ – .0003) DIA. 1.57 (.062) DIA. 3.167 + .000/ – .0076 (.1247 + .000/ – .003) 1.57 (.062) 9.53 (.375) DIA. 7.14 + .000/ – .0508 (.281 + .000/ – .002) DIA. 1.57 (.062) 1.57 (.062) DIA. 3.167 + .000/ – .0076 (.1247 + .000/ – .003) 21.8 (.86) DIA. 19.05 ± .0127 (.7500 ± .0005) DIA. 22.2 + .0127 / – .1270 (.875 + .0005 / – .0050) 1.57 (.062) .787 ± .254 (.031 ± .010) .254 ± .076 (.010 .003) R. SHAFT LENGTH SHAFT FLAT LENGTH (DIM. F) 12.7 (.050) 15.9 (.625) 19.1 (.750) 2.54 (.100) 5.08 (.200) 8.25 (.325) 22.2 (.875) 9.65 (.380) A —+ B Ribbon Cable Option Detail Connector Pinout Connector Pinout Stripped/ Tin-Plated 5 4 3 2 1 5 4 3 2 1 Consult factory for options not shown, including: • Wire lead or cable options • Connectors • Non-standard resolutions • Special shaft/bushing sizes and features • Special performance characteristics • PCB mounting bracket DIMENSIONS: MM (INCHES) |