| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CORTEX-M7 bảng dữ liệu(PDF) 1 Page - Arm Limited (or its affiliates). |
|
|
|||||||||||||||||||||||||||||
CORTEX-M7 bảng dữ liệu(HTML) 1 Page - Arm Limited (or its affiliates). |
|
1 / 12 page ![]() 1 Arm Cortex-M7 Processor Datasheet Datasheet Overview The Arm Cortex-M7 processor is the highest-performing processor in the Cortex-M family that enables the design of sophisticated MCUs and SoCs. The Cortex-M7 offers industry- leading scalar performance of 5.01 CoreMarks/MHz, while maintaining the excellent responsiveness and ease-of-use of the Armv7-M architecture. With built-in instruction and data caches and tightly coupled memories (TCMs) this superscalar processor never has to slow down even in the most demanding processing applications at the endpoint. Features Feature Description Architecture Armv7E-M ISA support Thumb/Thumb2 Pipeline 6-stage superscalar and branch prediction DSP extension Single-cycle 16/32-bit MAC Single-cycle dual 16-bit MAC 8/16-bit SIMD arithmetic Hardware divide FPU Optional single and double-precision FPU (choices of none, single-precision only, and single and double-precision) IEEE 754 compliant Interconnect 64-bit AMBA4 AXI, 32-bit AHB peripheral (AHBP) port 32-bit AHB slave (AHBS) port for external master (such as DMA controller) to access Tightly-Coupled Memories APB interface for CoreSight debug components Instruction cache 0 to 64 KB, 2-way associative with optional error correction code (ECC) Data cache 0 to 64 KB, 4-way associative with optional ECC Instruction TCM 0 to 16 MB with optional ECC interface Data TCM 0 to 16 MB with optional ECC interface Memory protection Optional Memory Protection Unit (MPU) with 8 or 16 regions with sub regions and background regions Bit manipulation Integrated Bit-Field Processing Instructions Interrupts Non-maskable Interrupt (NMI) + 1 to 240 physical interrupts Figure 1: Block diagram of the Cortex-M7 processor |
Số phần tương tự - CORTEX-M7 |
|
Mô tả tương tự - CORTEX-M7 |