công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AC03-8R2-5. bảng dữ liệu(PDF) 1 Page - YAGEO Corporation

tên linh kiện AC03-8R2-5.
Giải thích chi tiết về linh kiện  Cemented wirewound resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAGEO [YAGEO Corporation]
Trang chủ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC03-8R2-5. bảng dữ liệu(HTML) 1 Page - YAGEO Corporation

  AC03-8R2-5. Datasheet HTML 1Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 2Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 3Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 4Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 5Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 6Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 7Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 8Page - YAGEO Corporation AC03-8R2-5. Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1998 Nov 18
2
Philips Components
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
FEATURES
• High power dissipation in
small volume
• High pulse load handling
capabilities.
APPLICATIONS
• Ballast switching
• Shunt in small electric motors
• Power supplies.
DESCRIPTION
The resistor element is a resistive
wire which is wound in a single layer
on a ceramic rod. Metal caps are
pressed over the ends of the rod.
The ends of the resistance wire and
the leads are connected to the caps
by welding. Tinned copper-clad iron
leads with poor heat conductivity are
employed permitting the use of
relatively short leads to obtain stable
mounting without overheating the
solder joint.
The resistor is coated with a green
silicon cement which is not resistant
to aggressive fluxes. The coating is
non-flammable, will not drip even at
high overloads and is resistant to
most commonly used cleaning
solvents, in accordance with
“MIL-STD-202E” and
“IEC 60068-2-45”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
AC01
AC03
AC04
AC05
AC07
AC10
AC15
AC20
Resistance range
0.1
Ω
to
2k
Ω
0.1
Ω
to
4.7 k
Ω
0.1
Ω
to
6.8 k
Ω
0.1
Ω
to
8.2 k
Ω
0.1
Ω
to
15 k
Ω
0.68
Ω
to
27 k
Ω
0.82
Ω
to
39 k
Ω
1.2
Ω
to
56 k
Ω
Resistance tolerance
±5%; E24 series
Maximum permissible body temperature
350
°C
Rated dissipation at Tamb =40 °C
1 W3 W4 W5 W7 W
10 W
15 W
20 W
Rated dissipation at Tamb =70 °C
0.9 W
2.5 W
3.5 W
4.7 W
5.8 W
8.4 W
12.5 W
16 W
Climatic category (IEC 60068)
40/200/56
Basic specification
IEC 60115-1
Stability after:
load, 1000 hours
∆R/R max.: ±5% + 0.1 Ω
climatic tests
∆R/R max.: ±1% + 0.05 Ω
short time overload
∆R/R max.: ±2% + 0.1 Ω


Số phần tương tự - AC03-8R2-5.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
AC03-AT VISHAY-AC03-AT Datasheet
251Kb / 12P
Cemented Leaded Wirewound Resistors
07-Dec-2020
AC03-CS VISHAY-AC03-CS Datasheet
157Kb / 9P
Axial Cemented Fusible Wirewound Safety Resistors
12-Jul-16
AC03-CS VISHAY-AC03-CS Datasheet
170Kb / 9P
Axial Cemented Fusible Leaded Wirewound Safety Resistors
11-Jul-2018
More results

Mô tả tương tự - AC03-8R2-5.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002709JAC00 VISHAY-AC05000002709JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001009JAC00 VISHAY-AC03000001009JAC00 Datasheet
152Kb / 9P
Cemented Wirewound Resistors
13-Jan-14
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
Cemented Leaded Wirewound Resistors
07-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com