| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM59 bảng dữ liệu(PDF) 1 Page - Eltime Ltd. |
|
|
|||||||||||||||||||||||||||||
AM59 bảng dữ liệu(HTML) 1 Page - Eltime Ltd. |
|
|
1 / 1 page ![]() Modular cam timer assembly kits Cycle time 3 secs to 24 hrs One on/off period per cycle 2, 4 or 6 micro switches 110 or 230V operation Screw adjustable cams (tool supplied) Tempatron Ltd, Darwin Close, Reading, Berks, RG2 0TB, UK Tel : 0118 931 4062 Fax : 0118 931 0175 e-mail : sales@tempatron.co.uk ANALOGUE TIMERS ELECTROMECHANICAL CAM TIMERS These modular cam timer kits can be used to assemble timers with 2, 4 or 6 microswitches, cycle times (one revolution) from 3 seconds to 24 hours, supplied either from 110 or 230Vac. A complete timer gives one on/off switching period per cam per cycle and will need an assembly frame, a gear kit, a gearbox housing and a motor. The gear kits are colour coded for ease of assembly. The completed timer will accept standard V3 type microswitches (not supplied). SPECIFICATION Supply voltage : 110 or 230Vac Supply frequency : 50Hz Motor speed : 500rpm Power consumption : 2VA Lead length : 220mm Operating temp rise : 45ºC typical Cam diameter : 42mm Microswitch type : V3 Output rating : 16A @ 250Vac Insulation : 2000Vac Standard cycle times : Seconds kit : 3, 6, 12, 30 secs Minutes kit : 1, 2, 3, 6, 12, 30 mins Hours kit : 1, 2, 3, 6, 12, 24 hours Gearbox housing : Glass filled Nylon Minimum setting : 1/60 of cycle time Mechanical life : 8 years continuous operation Electrical life : 200,000 operations Operating temp : -10 to 55ºC Weight (complete timer) : 2 way :350gms; 4 way : 400gms; 6 way :450gms DIMENSIONS CONNECTION DIAGRAM L N M NO NC NO NC 2 CAM UNIT L L 47 dia (motor) 57 A B Fully assembled 6 cam version shown (See table) No Cams A B C D 295 67 54 59 4 119 91 78 59 6 144 116 103 59 STANDARD ITEMS 2 cam assembly frame 5002 4 cam assembly frame 5004 6 cam assembly frame 5006 Description Part Number Seconds gear kit AM40 Minutes gear kit AM41 Hours gear kit AM42 Gearbox housing & clip AM59 Drive motor 110Vac 50Hz AM23 Drive motor 230Vac 50Hz AM24 All dimensions in millimetres CxD mounting hole centres COMPLETE CAM TIMER ASSEMBLY FRAME DRIVE MOTOR GEAR KIT GEARBOX HOUSING |
Số phần tương tự - AM59 |
|
Mô tả tương tự - AM59 |