| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E3JM-R4M4T-G bảng dữ liệu(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3JM-R4M4T-G bảng dữ liệu(HTML) 8 Page - Omron Electronics LLC |
|
8 / 10 page ![]() 8 Multi voltage photoelectric sensor Ambient Conditions (Installation Area) The E3JM will malfunction if installed in the following places. • Places where the E3JM is exposed to a dusty environment. • Places where corrosive gases are produced. • Places where the E3JM is directly exposed to water, oil, or chemicals. Dimensions Note 1. The operating mode switch and timer mode switch are located inside the cover. 2. All units are in millimeters unless otherwise indicated. E3JM-10 @4T 22 6.4 6 24.5 8 12.4 6 dia. 18 6 (12.4) 6 39.5 40 5 PG 13.5 Hexagonal nut (Diagonal: 22) Applicable cable: 6 to 8 dia. 65 Indicator* 75 11.5 3 20 80 65 25 4.1 Lens: 14.8 dia. 15 * Emitter: Power indicator ** Receiver: Light indicator (without timer function) Operation indicator (with timer function) *** Mounting Brackets can be used on the A side. 44 9 Two, M4 × 30 1.6 Iron 54.5 (A)*** Optical axis ** E3JM-DS70 @4(T) E3JM-R4 @4(T) 22 6.4 6 24.5 8 12.4 6 dia. 18 6 (12.4) 6 39.5 40 5 PG 13.5 Hexagonal nut (Diagonal: 22) Applicable cable: 6 to 8 dia. 65 Indicator* 75 11.5 3 20 80 65 25 4.1 15 47.5 Emitter Receiver 9 Two, M4 × 30 1.6 Iron 54.5 (A)*** * Light indicator (without timer function) Operation indicator (with timer function) ** No sensitivity adjustment volume on the Retro-reflective Model. *** Mounting Brackets can be used on the A side. |