| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FMP-12C6 bảng dữ liệu(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
FMP-12C6 bảng dữ liệu(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() Ordering information Ref. No. Patch Panel, 1U with 12 ST MM Couplers ECO-SPP3-E-1T-M Patch Panel, 1U with 24 ST MM Couplers ECO-SPP3-E-2T-M Patch Panel, 1U with 6 SC Duplex MM Couplers ECO-SPP3-E-6C-DM Patch Panel, 1U with 12 SC Duplex MM Couplers ECO-SPP3-E-1C-DM Patch Panel, 1U with 24 SC Duplex MM Couplers ECO-SPP3-E-2C-DM Patch Panel, 1U with 12 SC Simplex SM Couplers ECO-SPP3-E-1C-SS Patch Panel, 1U with 24 SC Simplex SM Couplers ECO-SPP3-E-2C-SS Patch Panel, 1U with 12 SC/APC Simplex SM Couplers ECO-SPP3-E-1APC-SS Patch Panel, 1U with 24 SC/APC Simplex SM Couplers ECO-SPP3-E-2APC-SS Patch Panel, 1U with 12 LC Duplex MM Couplers ECO-SPP3-E-1LC-DM Patch Panel, 1U with 24 LC Duplex MM Couplers ECO-SPP3-E-2LC-DM Patch Panel, 1U with 12 LC Duplex SM Couplers ECO-SPP3-E-1LC-SS Patch Panel, 1U with 24 LC Duplex SM Couplers ECO-SPP3-E-2LC-SS Ordering information Accessories (not included) Ref. No. FO-Splicing cassette 29026-500 31 Incl. strain relief and cable mangement Dimentions: 155 x 92 x 8 mm (HxWxD) Colour: RAL 9001 (cream white) PU: 10 pcs FO-Splicing cassette 29026-500 30 Incl. splice protective holder for 12 crimp splice protector and cable mangement Dimentions: 155 x 92 x 8 mm (HxWxD) Colour: RAL 9001 (cream white) PU: 10 pcs FO Lid For splicing casette Colour: RAL 9001 (cream white) PU: 10 pcs 29025-503 30 PU: 5 pcs 29025-503 31 Hinge 03-756-00500 To connect splicing cassette and lid PU: 100 pcs FO-Strain relief 29031-000 30 For 12 fibres with Ø 0,9 and 1,1 mm coating PU: 50 pcs |