công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2/09R1 bảng dữ liệu(PDF) 7 Page - Pentair Equipment Protection - Hoffman

tên linh kiện 2/09R1
Giải thích chi tiết về linh kiện  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Trang chủ  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 bảng dữ liệu(HTML) 7 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 11Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
7
RING TERMINALS
300/350 MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 505 Amps
Barrel ID(d1): .827
Material Thickness (T): .138
Barrel OD (D): 1.126
Barrel Length (E): 1.122
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
*HYDRAULIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HEAD
d2
W
F
L
2009R1
3/8
.413
1.516
.965
2.717
Y
NA
NA
20011R1
7/16
.453
1.516
.965
2.717
Y
NA
NA
603
20013R1
1/2
.512
1.516
.965
2.717
Y
NA
NA
20016R1
5/8
.669
1.516
.965
2.717
Y
NA
NA
20019R1
3/4
.827
1.516
1.535
3.409
Y
NA
NA
400/500 MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 620 Amps
Barrel ID(d1): .945
Material Thickness (T): .157
Barrel OD (D): 1.283
Barrel Length (E): 1.240
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
*HYDRAULIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HEAD
d2
W
F
L
2509R1
3/8
.413
1.732
.965
2.835
Y
NA
NA
25011R1
7/16
.453
1.732
.965
2.835
Y
NA
NA
603
25013R1
1/2
.512
1.732
.965
2.835
Y
NA
NA
25016R1
5/8
.669
1.732
.965
2.835
Y
NA
NA
500/600MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 690 Amps
Barrel ID: 1.102
Material Thickness (T): .169
Barrel OD: 1.480
Barrel Length: 1.398
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
*HYDRAULIC
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
HEAD
d2
W
F
L
3009R1
3/8
.413
1.988
1.319
3.465
Y
NA
NA
30011R1
7/16
.453
1.988
1.319
3.465
Y
NA
NA
603
30013R1
1/2
.512
1.988
1.319
3.465
Y
NA
NA
30016R1
5/8
.669
1.988
1.319
3.465
Y
NA
NA
*Refer to Tool Selector Chart (page 92-93) for Tool Die Numbers.
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38