công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2/06R1 bảng dữ liệu(PDF) 3 Page - Pentair Equipment Protection - Hoffman

tên linh kiện 2/06R1
Giải thích chi tiết về linh kiện  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Trang chủ  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/06R1 bảng dữ liệu(HTML) 3 Page - Pentair Equipment Protection - Hoffman

  2/06R1 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/06R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
3
1614 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Barrel ID(d1): .091
Maximum Electrical Current: 30 Amps
Barrel OD (D): .161
Material Thickness (T): .031
Barrel Length (E): .189
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
1614-3
4
.126
.260
.189
.504
Y
1000
3H1614
IZUMI 5N18
1614-S3
6
.146
.260
.189
.504
Y
1000
3H1614
IZUMI 5N18
1614-S3/J
6
.146
.252
.169
.484
Y
1000
3H1614
YHT2210
1614-M3
6
.146
.260
.248
.567
Y
1000
3H1614
IZUMI 5N18
1614-M4
8
.169
.260
.248
.567
Y
1000
3H1614
IZUMI 5N18
1614-4
8
.169
.335
.291
.650
Y
1000
3H1614
IZUMI 5N18
1614-M5
10
.209
.335
.291
.650
Y
1000
3H1614
IZUMI 5N18
1614-5
10
.209
.374
.291
.669
Y
1000
3H1614
IZUMI 5N18
161
4-M5/J
10
.209
.335
.307
.661
Y
1000
3H1614
YHT2210
1614-6
1/4
.252
.472
.433
.858
Y
1000
3H1614
IZUMI 5N18
1614-8
5/16
.331
.472
.433
.858
Y
1000
3H1614
IZUMI 5N18
1614-9
3/8
.413
.535
.547
1.004
Y
1000
3H1614
IZUMI 5N18
1614-9/J
3/8
.413
.535
.547
1.004
Y
1000
3H1614
YHT2210
1614-13
1/2
.512
.756
.630
1.197
Y
1000
3H1614
IZUMI 5N18
1210 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Barrel ID(d1): .134
Maximum Electrical Current: 50 Amps
Barrel OD (D): .220
Material Thickness (T): .039
Barrel Length (E): .236
Barrel Length for J Type: .268
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
1210-S3/J
4
.126
.283
.232
.618
Y
1000
3H1210
YHT2210
1210-S3
6
.146
.283
.240
.618
Y
1000
3H1210
IZUMI 5N18
1210-S4
8
.169
.283
.240
.618
Y
1000
3H1210
IZUMI 5N18
1210S4/J
8
.169
.283
.232
.618
Y
1000
3H1210
YHT2210
1210-4
8
.169
.374
.327
.748
Y
1000
3H1210
IZUMI 5N18
1210-4/J
8
.169
.374
.327
.780
Y
1000
3H1210
YHT2210
1210-5
10
.209
.374
.327
.748
Y
1000
3H1210
IZUMI 5N18
1210-6
1/4
.252
.472
.413
.886
Y
1000
3H1210
IZUMI 5N18
1210-6/J
1/4
.252
.472
.512
1.016
Y
1000
3H1210
YHT2210
1210-S6/J
1/4
.252
.520
.354
.882
Y
1000
3H1210
YHT2210
1210-S8/J
5/16
.331
.520
.354
.882
Y
1000
3H1210
YHT2210
1210-8
5/16
.331
.591
.524
1.063
Y
1000
3H1210
IZUMI 5N18
1210-9
3/8
.413
.591
.524
1.063
Y
1000
3H1210
IZUMI 5N18
1210-9/J
3/8
.413
.591
.524
1.102
Y
1000
3H1210
YHT2210
1210-13
1/2
.512
.756
.630
1.244
Y
1000
3H1210
IZUMI 5N18
1210-14
9/16
.291
1.260
.992
1.858
Y
1000
3H1210
IZUMI 5N18
RING TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38