công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R45C bảng dữ liệu(PDF) 2 Page - Banner Engineering Corp.

tên linh kiện R45C
Giải thích chi tiết về linh kiện  R45C Discrete to Serial Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R45C bảng dữ liệu(HTML) 2 Page - Banner Engineering Corp.

  R45C Datasheet HTML 1Page - Banner Engineering Corp. R45C Datasheet HTML 2Page - Banner Engineering Corp. R45C Datasheet HTML 3Page - Banner Engineering Corp. R45C Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Table 2: Holding Registers When Common ID is Active
Modbus Register Address
Description
Holding Register Registration
Comments
7940
Modbus Device ID of Active Device
—
—
7941
Device Output Latch Register
0 = None triggered
1 = Primary triggered
2 = Secondary triggered
3 = Both triggered
Values in this register latch until acknowledged and
cleared by the master
7942
Device Output Status
0 = None triggered
1 = Primary triggered
2 = Secondary triggered
3 = Both triggered
Values in this register reflect the real time status of the
device's outputs
Wiring Diagrams
Male
Female
Pin
Wire Color
1
4
5
3
2
2
3
4
1
1
Brown
2
White
3
Blue
4
Black
5
Gray
Female (Serial In)
Male (Serial Out)
Signal Description
Pin 1
12 V DC to 30 V DC
Pin 2
RS-485 (+)
Pin 3
DC common
Pin 4
RS-485 (–)
Pin 5
Shield
Female (Discrete Input)
Signal Description
Pin 1
12 V DC to 30 V DC
Pin 2
IO Channel 2
Pin 3
Ground
Pin 4
IO Channel 1
Pin 5
Shield
Status Indicators
Power LED Indicator (Green)
• Solid Green = Power On
• Off = Power Off
PICK-IQ Communication LED Indicator (Amber)
• Flashing Amber = PICK-IQ communications are active
• Off = PICK-IQ communications are not present
Specifications
Supply Voltage
12 V DC to 30 V DC at 50 mA maximum
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Leakage Current Immunity
400 µA
Operating Conditions
Temperature: –40 °C to +50 °C (–40 °F to +122 °F)
90% at +70 °C maximum relative humidity (non-condensing)
Storage Temperature: –40 °C to +80 °C (–40 °F to +176 °F)
R45C Discrete to Serial Converter
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 222571 Rev. A



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com