công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA4808 bảng dữ liệu(PDF) 62 Page - Microchip Technology

tên linh kiện ATMEGA4808
Giải thích chi tiết về linh kiện  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808 bảng dữ liệu(HTML) 62 Page - Microchip Technology

Back Button ATMEGA4808 Datasheet HTML 58Page - Microchip Technology ATMEGA4808 Datasheet HTML 59Page - Microchip Technology ATMEGA4808 Datasheet HTML 60Page - Microchip Technology ATMEGA4808 Datasheet HTML 61Page - Microchip Technology ATMEGA4808 Datasheet HTML 62Page - Microchip Technology ATMEGA4808 Datasheet HTML 63Page - Microchip Technology ATMEGA4808 Datasheet HTML 64Page - Microchip Technology ATMEGA4808 Datasheet HTML 65Page - Microchip Technology ATMEGA4808 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
7.2
32-pin VQFN
DRAWING NO.
REV.
TITLE
GPC
32MS1
A
12/4/13
32MS1, 32-pad 5.0x5.0x0.9 mm Body, 0.50mm pitch, 3.1x3.1
mm Exposed pad, Saw Singulated Thermally Enhanced
Plastic Very-thin Fine pitch, Quad Flat No Lead package
(VFQFN)
ZMF
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.80
-
0.90
A1
0.00
-
0.05
A3
0.20 REF
b
0.18
0.25
0.30
2
D
4.90
5.00
5.10
D2
3.00
3.10
3.20
E
4.90
5.00
5.10
E2
3.00
3.10
3.20
e
-
0.50
-
L
0.30
0.40
0.50
K
0.20
-
-
Package Drawing Contact:
packagedrawings@atmel.com
E
2
1
32
PIN 1 ID
C
0.10
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
C
C
0.08
A1
A
C
0.10
E2
e
1
32
Option B
K
(32X)
b
See Option A,B
1
1
PIN # 1 ID
Chamfer
PIN # 1 ID
Notch
NOTE:
1. Refer to JEDEC Drawing MO-220, Variation VHHD-2 (Figure 1/Saw
Singulation)
2. Dimension “b” applies to metalized terminal and is measured between
0.15mm and 0.30mm from the terminal tip. If the terminal has the
optional radius on the other end of the terminal, the dimensions
should not be measured in that radius area.
e/2
Pin 1 Corner
Option A
32
32
(C 0.30)
(R 0.20)
D2
(32X)
L
2X
0.10 C
D
A3
2
ATmega3208/4808 – 32-pin Data Sheet
Package Drawings
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com