| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT1F30AS bảng dữ liệu(PDF) 2 Page - Emerson Electric Co. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
HT1F30AS bảng dữ liệu(HTML) 2 Page - Emerson Electric Co. All rights reserved. |
|
2 / 10 page ![]() 5 Non-Ventilated Automation Transformers Contact Technical Services at (800) 377-4384 with any questions. Visit our website at www.solahd.com. 225 Selection Table: Single Phase Group 2: 600 Volt Primary, 120/240 Secondary, 60 Hz kVA Catalog Number Group 1 Rolled Steel Catalog Number Group 2 Stainless Steel Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style * Elec Conn * Primary Amps Secondary Amps Non-Encapsulated .100 HS10B100 N/A 6.00 (152.4) 4.00 (101.6) 3.00 (76.2) 4.00 (1.81) 2 21 0.167 .833/.417 .150 HS10B150 8.00 (203.2) 4.00 (101.6) 4.00 (101.6) 5.00 (2.27) 2 21 0.25 1.25/.625 .250 HS10B250 8.00 (203.2) 4.00 (101.6) 4.00 (101.6) 8.00 (3.63) 2 21 0.417 2.08/1.04 Encapsulated .500 HS10F500B HSS10F500B 10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 22.0 (9.98) 3 21 0.833 4.16/2.08 .750 HS10F750B HSS10F750B 10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 23.0 (10.43) 3 21 1.25 6.25/3.13 1 HS10F1BS HSS10F1BS 10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 28.0 (12.70) 3 21 1.67 8.33/4.17 1.5 HS10F1.5AS HSS10F1.5AS 12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 38.0 (17.24) 4 21 2.5 12.5/6.25 2 HS10F2AS HSS10F2AS 12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 60.0 (27.22) 4 21 3.33 16.7/8.33 3 HS10F3AS HSS10F3AS 12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 66.0 (29.94) 4 22 5.0 25.0/12.5 5 HS10F5AS HSS10F5AS 17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 100.0 (45.36) 4 22 8.3 41.6/20.8 7.5 HS10F7.5AS HSS10F7.5AS 17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 135.0 (61.23) 4 22 12.5 62.5/31.3 10 HS10F10AS HSS10F10AS 17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 150.0 (68.04) 4 22 16.7 83.3/41.7 * Note: Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section. kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style * Elec Conn * Primary Amps Secondary Amps Non-Encapsulated .050 HS1B50 N/A 6.00 (152.4) 4.00 (101.6) 3.00 (76.2) 3.00 (1.36) 2 15 .208/.104 0.416/0.208 .075 HS1B75 6.00 (152.4) 4.00 (101.6) 3.00 (76.2) 3.00 (1.36) 2 15 .312/.156 0.625/0.312 .100 HS1B100 6.00 (152.4) 4.00 (101.6) 3.00 (76.2) 4.00 (1.81) 2 15 .417/.208 0.833/0.417 .150 HS1B150 8.00 (203.2) 4.00 (101.6) 4.00 (101.6) 5.00 (2.27) 2 15 .625/.313 1.25/.625 .250 HS1B250 8.00 (203.2) 4.00 (101.6) 4.00 (101.6) 8.00 (3.63) 2 15 1.04/.512 2.08/1.04 Encapsulated 0.5 HS1F500B HSS1F500B 10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 22.0 (9.98) 3 15 2.08/1.04 4.16/2.08 0.75 HS1F750B HSS1F750B 10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 27.0 (12.25) 3 15 3.13/1.56 6.25/3.13 1 HS1F1BS HSS1F1BS 10.00 (254.0) 6.00 (152.4) 5.00 (127.0) 28.0 (12.70) 3 16 4.17/2.08 8.33/4.17 1.5 HS1F1.5AS HSS1F1.5AS 12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 38.0 (17.24) 4 16 6.25/3.13 12.5/6.25 2 HS1F2AS HSS1F2AS 12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 45.0 (20.42) 4 16 8.33/4.17 16.7/8.33 3 HS5F3AS HSS5F3AS 12.00 (304.8) 10.00 (254.0) 7.00 (177.8) 55.0 (24.95) 4 17 12.5/6.25 25.0/12.5 5 HS5F5AS HSS5F5AS 17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 131.0 (59.42) 4 17 20.8/10.4 41.6/20.8 7.5 HS5F7.5AS HSS5F7.5AS 17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 156.0 (70.76) 4 18 31.3/15.6 62.5/31.3 10 HS5F10AS HSS5F10AS 17.00 (431.8) 14.00 (355.6) 9.00 (228.6) 156.0 (70.76) 4 18 41.7/20.8 83.3./41.7 15 HS5F15AS HSS5F15AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 549.0 (249.02) 4 18 62.5/31.2 125.0/62.5 25 HS5F25AS HSS5F25AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 637.0 (288.94) 4 18 104.0/52.0 208.0/104.0 Group 1: 240 x 480 Primary, 120/240 Secondary, 60 Hz |