| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E750NEO bảng dữ liệu(PDF) 2 Page - Eclipse Magnetics Ltd |
|
|
|||||||||||||||||||||||||||||
E750NEO bảng dữ liệu(HTML) 2 Page - Eclipse Magnetics Ltd |
|
2 / 2 page ![]() Neodymium Magnets Shallow Pots with Thread ■ Highest strength magnet material available ■ Cylindrical magnets in zinc plated mild steel pot ■ Pot is an essential part of the magnetic circuit ■ Female thread for easy fixing ■ Both poles are on one face providing superior grip at contact ■ Suitable for gripping and lifting applications ■ Ideal for use in positioning jigs and soldering fixtures ■ Maximum temperature 80°C Product No. Diameter Height (ex thread) Height (inc. thread) Thread Unit of pack Min. pull (mm) (mm) (N) E770NEO 6 4.5 6 M3 5 E771NEO 8 4.5 6 M3 20 13 E772NEO 10 4.5 6 M3 20 25 E773NEO 13 4.5 6 M3 20 60 E774NEO 16 4.5 8 M4 20 95 E775NEO 20 6 8 M4 10 140 E776NEO 25 7 8 M4 10 200 E777NEO 32 7 10 M5 5 350 |