công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS4016D bảng dữ liệu(PDF) 76 Page - Positronic.

tên linh kiện FS4016D
Giải thích chi tiết về linh kiện  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4016D bảng dữ liệu(HTML) 76 Page - Positronic.

Back Button FS4016D Datasheet HTML 72Page - Positronic. FS4016D Datasheet HTML 73Page - Positronic. FS4016D Datasheet HTML 74Page - Positronic. FS4016D Datasheet HTML 75Page - Positronic. FS4016D Datasheet HTML 76Page - Positronic. FS4016D Datasheet HTML 77Page - Positronic. FS4016D Datasheet HTML 78Page - Positronic. FS4016D Datasheet HTML 79Page - Positronic. FS4016D Datasheet HTML 80Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Ø0.152 [3.86]
A
C
Max.
ØB
A
ØB
Ø0.040 [1.02]
Ø0.152 [3.86]
A
C
Max.
ØB
A
ØB
Ø0.040 [1.02]
Ø0.152 [3.86]
A
C
Max.
ØB
A
ØB
Ø0.040 [1.02]
REMOVABLE SHIELDED CONTACT
FOR USE WITH CBD, CBC, CBCD AND CBDD SERIES CONNECTORS
SIZE 8
TYPE OF
CONTACT
FEMALE
PART NUMBER
MALE
PART NUMBER
A
Ø B
C
MAX.
RG CABLE
NUMBER
SOLDER/CRIMP
FC4101D
MC4101D
0.929 [23.60] 0.040 [1.02] 0.739 [18.77]
178 B/U
196 B/U
SOLDER/CRIMP
FC4102D
MC4102D
0.929 [23.60] 0.067 [1.70] 0.739 [18.77]
179 B/U
316 /U
SOLDER/CRIMP
FC4103D
MC4103D
1.037 [26.34] 0.108 [2.74] 0.847 [21.51]
180 B/U
SOLDER/CRIMP
FC4104D
MC4104D
1.037 [26.34] 0.120 [3.05] 0.847 [21.51]
58 B/U
SOLDER/SOLDER
FS4101D
MS4101D
0.929 [23.60] 0.040 [1.02] 0.739 [18.77]
178 B/U
196 B/U
SOLDER/SOLDER
FS4102D
MS4102D
0.929 [23.60] 0.067 [1.70] 0.739 [18.77]
179 B/U
316 /U
SOLDER/SOLDER
FS4103D
MS4103D
1.037 [26.34] 0.108 [2.74] 0.847 [21.51]
180 B/U
SOLDER/SOLDER
FS4104D
MS4104D
1.037 [26.34] 0.120 [3.05] 0.847 [21.51]
58 B/U
CRIMP/CRIMP
FCC4101D
MCC4101D
0.929 [23.60] 0.040 [1.02] 0.739 [18.77]
178 B/U
196 B/U
CRIMP/CRIMP
FCC4102D
MCC4102D
0.929 [23.60] 0.067 [1.70] 0.739 [18.77]
179 B/U
316 /U
CRIMP/CRIMP
FCC4103D
MCC4103D
1.037 [26.34] 0.108 [2.74] 0.847 [21.51]
180 B/U
CRIMP/CRIMP
FCC4104D
MCC4104D
1.037 [26.34] 0.120 [3.05] 0.847 [21.51]
58 B/U
Two-step crimping action for signal and
shielding conductors.
SHIELDED CONTACTS
STRAIGHT SOLDER/CRIMP CONTACTS
STRAIGHT SOLDER/SOLDER CONTACTS
STRAIGHT CRIMP/CRIMP CONTACTS
MALE CONTACT
FEMALE CONTACT
MALE CONTACT
FEMALE CONTACT
MALE CONTACT
FEMALE CONTACT
Note: Connectors can be
kitted with all applicable
removable contacts,
contact Technical Sales
for connector part
number.
78
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86