công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC8022D2AL bảng dữ liệu(PDF) 82 Page - Positronic.

tên linh kiện FC8022D2AL
Giải thích chi tiết về linh kiện  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC8022D2AL bảng dữ liệu(HTML) 82 Page - Positronic.

Back Button FC8022D2AL Datasheet HTML 78Page - Positronic. FC8022D2AL Datasheet HTML 79Page - Positronic. FC8022D2AL Datasheet HTML 80Page - Positronic. FC8022D2AL Datasheet HTML 81Page - Positronic. FC8022D2AL Datasheet HTML 82Page - Positronic. FC8022D2AL Datasheet HTML 83Page - Positronic. FC8022D2AL Datasheet HTML 84Page - Positronic. FC8022D2AL Datasheet HTML 85Page - Positronic. FC8022D2AL Datasheet HTML 86Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
SUGGESTED PRINTED BOARD HOLE SIZES FOR COMPLIANT PRESS-FIT CONNECTORS
Traditionally, tin-lead has been a popular plating for printed circuit board (PCB) holes. However, many PCB hole platings
must now be RoHS Compliant. Positronic is pleased to offer
PCB HOLE SIZE FOR RoHS PCB plating as shown below.
NOTE: For PCB plating compositions
not shown, consult Technical Sales.
OMEGA & BI-SPRING COMPLIANT PRESS-FIT CONTACT HOLE
BOARD
TYPE
CONTACT
SIZE / TYPE
RECOMMENDED
DRILL HOLE SIZE
RECOMMENDED
PLATING
FINISHED
HOLE SIZES
TIN-LEAD
SOLDER
PCB
22
OMEGA
ø0.0453±0.0010
[ø1.150±0.025]
0.0006 [15µ]
minimum solder
over 0.0010 [25µ]
min. copper
ø0.0394+0.0035-0.0024
[ø1.000+0.090-0.060]
20
OMEGA
ø0.0453±0.0010
[ø1.150±0.025]
ø0.0394+0.0035-0.0024
[ø1.000+0.090-0.060]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
RoHS PCB PLATING OPTIONS
COPPER
PCB
22
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
IMMERSION
TIN
PCB
22
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.000033±0.000006
[0.85±0.15µ]
immersion tin
over 0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
IMMERSION
SILVER
PCB
22
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.000013±0.000007
[0.34±0.17µ]
immersion silver
over 0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
ELECTROLESS
NICKEL /
IMMERSION
GOLD
PCB
22
OMEGA
ø0.047±0.001
[ø1.19±0.025]
0.000002 [0.05µ] min.
immersion gold over
0.000177±0.000059
[4.5±1.5µ] electroless
nickel per IPC-4552
over 0.0010 [25µ]
min. copper
ø0.043±0.002
[ø1.09±0.05]
20
OMEGA
ø0.047±0.001
[ø1.19±0.025]
ø0.043±0.002
[ø1.09±0.05]
16
BI-SPRING
ø0.069±0.001
[ø1.750±0.025]
ø0.0630+0.0035-0.0024
[ø1.600+0.090-0.060]
8
BI-SPRING
ø0.125±0.001
[ø3.180±0.025]
ø0.119±0.002
[ø3.02±0.05]
“Bi-Spring” Termination
utilized on signal contacts
“Omega” Termination
utilized on signal contacts
When properly used, Positronic
Industries Bi-Spring Power or Omega
Signal Press-Fit terminations provide
reliable service even under severe
conditions.
Connectors utilizing this leading
technology press-fit contact are
easy to install:
1. Inexpensive installation tooling
is available from Positronic, to
choose the proper installation
tool refer to page 86 for part
number ordering information.
2. Insert the connector into the
P.C. board or backplane and
seat connector fully.
3. Secure the connector to the P.C.
board or backplane using two
self-tapping screws. The screws
should be 4-40 threads supplied
by customer.
COMPLIANT PRESS-FIT
USER INFORMATION
COMPLIANT
PRESS-FIT TERMINATION
CONTACT HOLE
85
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
APPLICATION TOOLS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com