| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL125FP bảng dữ liệu(PDF) 1 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL125FP bảng dữ liệu(HTML) 1 Page - ABB |
|
1 / 7 page ![]() Please consult for 6/8-pole solutions, snap-on poles for door-mount disconnects and any additional accessories UL 508 rotary style motor disconnects, 16…80 A 1 Snap‐on poles OT16...40 OTPS40FPN1 4th pole1) OTPL40FP Late‐break/Early‐make OTPN40FP Solid neutral OTPD40FP Detachable neutral OTPE40FP Ground terminal OT63...80 OTPS80FP 4th pole OTPL80FP Late‐break/Early‐make OTPN80FP Solid neutral OTPD80FP Detachable neutral OTPE80FP Ground terminal 1) Left‐side mounting only, OTPS40FPN2 for right‐side mounting 5 Terminal shrouds8) OT16...40 OTS40T3 1 pc for 3 terminals OTS40T1 1 pc for 1 snap‐on pole OT63...80 OTS63T3 1 pc for 3 terminals OTS63T1 1 pc for 1 snap‐on pole 8) OT16...80 are IP20 touchsafe, shrouds provide extra protection 6 Handles for door‐mount disconnects9) Selector type10) OT16...40_T OHBS1PH Nema 1 OHBS3PH Nema 1; Padlocable OHBS2PJ Nema 3R,12; Padlockable Selector type11) OT16...80_T OHBS1RH Nema 1 OHBS3RH Nema 1; Padlockable OHBS2RJ Nema 3R, 12; Padlockable 9) Red/yellow versions by substituting OHB with OHY 10) Snap‐on mounting 11) Screw mounting 3 Auxiliaries OT16‐80 OA1G01 1 N.C.2) OA1G10 1 N.O.3) OA2G11 1 N.O. & 1 N.C.4) 2) Left‐side mounting only 3) Right‐side mounting only 4) Cannot be mounted on snap‐on poles 4 Shafts Shaft length For selector handles OT16...80 OXS6X85 3.3''/85 mm OXS6X105 4.1''/105 mm OXS6X120 4.7''/120 mm OXS6X130 5.1''/130 mm OXS6X180 7.1''/180 mm OXS6X250 9.8''/250 mm For pistol handles OT16...80 OXP6X130 5.2''/130 mm OXP6X150 5.9''/150 mm OXP6X210 8.3''/210 mm OXP6X290 11.4''/290 mm 2 Handles5) NEMA type; Length; Details Selector type OT16...80 OHBS1AH1 1 OHBS3AH1 1; Padlockable OHBS2AJ1 3R,12; Padlockable OHBS2AJ 3R,12; Padlockable; Defeatable Pistol type6) OT16...80 OHB65J6 3R,12; 65 mm OHB65L6 4,4X; 65 mm OHB65J6EH 3R,12; 65 mm; Stainless steel hasp OHB65L6EH 4,4X; 65 mm; Stainless steel hasp OHM65L6 4,4X; 65 mm; Stainless steel Direct7) OT16...40 OHBS12 Black; Padlockable Direct7) OT63...80 OHBS2 Black; Padlockable 5) Red/yellow versions by substituting OHB with OHY 6) All defeatable & padlockable with 3 locks 7) No shaft needed, Red versions OHRS12 and OHRS2 03/10/2015 |
Số phần tương tự - OTPL125FP |
|
Mô tả tương tự - OTPL125FP |